Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC341LC3B Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC341LC3B
Description  SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC341LC3B Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC341LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC341LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC341LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC341LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC341LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC341LC3B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
5 - 82
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1Vdd
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF, 1000pF, and 2.2 μF are required.
2, 3, 7-9
N/C
No connection required. These pins may be connected
to RF/DC ground without affecting performance.
4, 6, 10, 12
GND
Package bottom has an exposed metal paddle that
must also be connected to RF/DC ground.
5RFIN
This pin is AC coupled and matched
to 50 Ohms from 21 - 29 GHz.
11
RFOUT
This pin is AC coupled and matched
to 50 Ohms from 21 - 29 GHz.
Pin Descriptions
Application Circuit
Component
Value
C1
100 pF
C2
1,000 pF
C3
2.2 μF
HMC341LC3B
v00.0905
SMT GaAs PHEMT MMIC
LOW NOISE AMPLIFIER, 21 - 29 GHz


Similar Part No. - HMC341LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B Datasheet
206Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
logo
Analog Devices
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B_09 Datasheet
206Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
More results

Similar Description - HMC341LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B_09 Datasheet
206Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC566 HITTITE-HMC566 Datasheet
317Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
HMC566 HITTITE-HMC566_09 Datasheet
247Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
logo
Analog Devices
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Alpha Industries
AA022N1-00 ALPHA-AA022N1-00 Datasheet
118Kb / 2P
   21-24 GHz GaAs MMIC Low Noise Amplifier
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com