Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC213MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC213MS8
Description  GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC213MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 68
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs.
Temperature @ LO = +13 dBm
Input IP2 vs.
Temperature @ LO = +13 dBm
Input IP3 vs. LO Drive
Input IP2 vs. LO Drive
MxN Spurious Outputs
Harmonics of LO
nLO
mRF
0
1234
0xx
14.4
19.5
16.8
41.5
115.60
51.7
47.9
68.3
272.8
84.3
71.1
85.6
68.1
3
>105
>105
>105
77.2
>105
4
>105
>105
>105
>105
>105
RF = 3.5 GHz @ -10 dBm
LO = 3.6 GHz @ +13 dBm
All values in dBc below IF power level (-1RF + 1LO)
LO Freq.
(GHz)
nLO Spur at RF Port
12
3
4
1.5
42
35
53
52
2.0
38
28
57
60
2.5
43
28
34
60
3.0
49
33
34
62
3.5
40
41
46
64
4.0
36
45
54
62
4.5
32
54
55
75
5.0
29
53
55
70
LO = +13 dBm
Values in dBc below input LO level measured at RF Port.
HMC213MS8 / 213MS8E
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 1.5 - 4.5 GHz
v002.0505
40
44
48
52
56
60
1.5
2
2.5
3
3.5
4
4.5
5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
40
44
48
52
56
60
1.5
2
2.5
3
3.5
4
4.5
5
+11 dBm
+13 dBm
+15 dBm
+15 dBm
10
15
20
25
1.5
2
2.5
3
3.5
4
4.5
5
-40 C
+85 C
+25 C
+25 C
10
15
20
25
1.5
2
2.5
3
3.5
4
4.5
5
+11 dBm
+15 dBm
+13 dBm
FREQUENCY (GHz)


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC13MS8GaAs MMIC SMT DOUBLE BALANCED MIXER 1.5 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC141LH5GaAs MMIC SMT DOUBLE BALANCED MIXER 7 - 14 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AM028D1-0026-33 GHz GaAs MMIC Double Balanced Down Converter Mixer 1 2 Alpha Industries
HMC168C8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1 2 3 Hittite Microwave Corporation
HMC272MS8GaAs MMIC SMT SINGLE BALANCED MIXER 1.7 - 3 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC175MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC285GaAs MMIC SMT SINGLE BALANCED MIXER 1.7 - 3.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC-C015GaAs MMIC DOUBLE BALANCED MIXER MODULE 24 - 38 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC218MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 6 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC219MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn