Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC213MS8 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC213MS8
Description  GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC213MS8 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
7
7 - 70
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation Circuit Board
List of Materials for Evaluation PCB 103350 [1]
Item
Description
J1 - J3
PCB Mount SMA RF Connector
U1
HMC213MS8 / HMC213MS8E Mixer
PCB [2]
101650 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of VIA holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
HMC213MS8 / 213MS8E
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 1.5 - 4.5 GHz
v002.0505


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC13MS8GaAs MMIC SMT DOUBLE BALANCED MIXER 1.5 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC141LH5GaAs MMIC SMT DOUBLE BALANCED MIXER 7 - 14 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AM028D1-0026-33 GHz GaAs MMIC Double Balanced Down Converter Mixer 1 2 Alpha Industries
HMC168C8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1 2 3 Hittite Microwave Corporation
HMC272MS8GaAs MMIC SMT SINGLE BALANCED MIXER 1.7 - 3 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC175MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC285GaAs MMIC SMT SINGLE BALANCED MIXER 1.7 - 3.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC-C015GaAs MMIC DOUBLE BALANCED MIXER MODULE 24 - 38 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC218MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 6 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC219MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn