Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HMC141LH5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC141LH5
Description  GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC141LH5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 22
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC141LH5
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 7 - 14 GHz
v00.0705
Input IP3 vs. LO Drive*
Input P1dB vs.
Temperature @ LO = +15 dBm
Input IP3 vs.
Temperature @ LO = +15 dBm*
Harmonics of LO
* Two-tone input power = 0 dBm each tone, 1 MHz spacing.
Input IP2 vs. LO Drive*
MxN Spurious @ IF Port
nLO
mRF
01234
0XX
-1
6
9
30
1
6
0
20
40
37
2
6863555379
3
9495877690
4
88
100
96
99
104
RF = 10 GHz @ -10 dBm
LO = 8.9 GHz @ 20 dBm
All values in dBc relative to the IF power level.
Measured as downconverter.
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
644
40
61
53
846
32
59
52
10
38
25
52
59
12
39
32
55
64
14
43
34
54
N/A
16
39
34
53
N/A
LO = +20 dBm
All values in dBc below input LO level @ RF port.
0
5
10
15
20
25
6
7
8
9
10
11
12
13
14
15
16
+25C
+85C
-40C
RF FREQUENCY (GHz)
0
10
20
30
40
50
60
70
6
7
8
9
10
11
12
13
14
15
16
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +20 dBm
RF FREQUENCY (GHz)
0
5
10
15
20
25
30
35
6
7
8
9
10
11
12
13
14
15
16
+25C
+85C
-40C
RF FREQUENCY (GHz)
0
5
10
15
20
25
30
35
6
7
8
9
10
11
12
13
14
15
16
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +20 dBm
RF FREQUENCY (GHz)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn