Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HMC141LH5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC141LH5
Description  GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC141LH5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 20
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC141LH5
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 7 - 14 GHz
v00.0705
General Description
Features
Functional Diagram
Input IP3: +20 dBm
LO to RF Isolation: 35 dB
Hermetic SMT Package, 25 mm2
Screening to MIL-PRF-38535 (Class B or S) Available
Electrical Specifications, T
A = +25° C, LO Drive = +15 dBm*
Typical Applications
The HMC141LH5 is ideal for:
• Telecom Infrastructure
• Military Radio, Radar & ECM
• Space Systems
• Test Instrumentation
The HMC141LH5 is a miniature passive double-
balanced mixer housed in a hermetic SMT leadless
package that can be used as an upconverter or
downconverter. The device is a passive diode/balun
type mixer with high dynamic range. The mixer can
handle larger signal levels than most active mixers
due to the high third order intercept of 20 dBm. MMIC
implementation provides exceptional balance in the
circuit resulting in high LO/RF and LO/IF isolations
and unit-to-unit consistency. The HMC141LH5 allows
the use of surface mount manufacturing techniques
and is suitable for high reliability military, industrial
and space applications.
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
7 - 12
12 - 14
GHz
Frequency Range, IF
DC - 2
DC - 2
GHz
Conversion Loss
10
12
11
13
dB
Noise Figure (SSB)
10
12
11
13
dB
LO to RF Isolation
2835
2835
dB
LO to IF Isolation
26
34
26
31
dB
IP3 (Input)
20
23
dBm
IP2 (Input)
35
40
dBm
1 dB Gain Compression (Input)
15
15
dBm
*Unless otherwise noted, all measurements performed as downconverter, IF = 1 GHz


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn