Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC141LH5 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part No. HMC141LH5
Description  GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC141LH5 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
7
7 - 25
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC141LH5
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 7 - 14 GHz
v00.0705
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and package base should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of VIA holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 111552 [1]
Item
Description
J1 - J3
PCB Mount SMA RF Connector, SRI
U1
HMC141LH5
PCB [2]
111550 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn