Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC141LH5 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC141LH5
Description  GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC141LH5 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
7
7 - 24
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC141LH5
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 7 - 14 GHz
v00.0705
Pin Number
Function
Description
Interface Schematic
1, 3, 4, 6, 7
9 - 12
GND
These pins and package base must be
connected to RF/DC ground.
2RF
This pin is AC coupled and matched to 50 Ohms from
7 - 14 GHz
5IF
This pin is DC coupled. For applications not requiring operation
to DC, this port should be DC blocked externally using a series
capacitor whose value has been chosen to pass the necessary IF
frequency range. For operation to DC, this pin must not source/
sink more than 2 mA of current or die non-function and possible
die failure will result.
8LO
This pin is AC coupled and matched to 50 Ohms from
7 - 14 GHz
Pin Descriptions


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn