Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC129LC4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC129LC4
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC129LC4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC129LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC129LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC129LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC129LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC129LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC129LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC129LC4
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz
v00.0105
General Description
Features
Functional Diagram
The HMC129LC4 is a general purpose double-bal-
anced MMIC mixer housed in a leadless “PB Free”
RoHS-Compliant SMT package which can be used as
an upconverter or downconverter in the 4 to 8 GHz
band. The HMC129LC4 is ideally suited for applica-
tions where small size, no DC bias, and consistent
IC performance are required. This mixer can operate
over a wide LO drive input of +9 to +15 dBm. It per-
forms equally well as a Bi-Phase modulator or demod-
ulator. The HMC129LC4 eliminates the need for wire
bonding, allowing use of surface mount manufacturing
techniques.
Conversion Loss: 7 dB
LO to RF and IF Isolation: 40 dB
Input IP3: +17 dBm
RoHS Compliant 4x4 mm SMT Package
Typical Applications
The HMC129LC4 is ideal for:
• Microwave & VSAT Radios
• Test Equipment
• Military EW, ECM, C3I
Electrical Specifications, T
A = +25° C, LO Drive = +15 dBm*
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
4.0 - 8.0
GHz
Frequency Range, IF
DC - 3.0
GHz
Conversion Loss
79
dB
Noise Figure (SSB)
79
dB
LO to RF Isolation
30
40
dB
LO to IF Isolation
32
40
dB
IP3 (Input)
17
dBm
IP2 (Input)
50
dBm
1 dB Gain Compression (Input)
10
dBm
* Unless otherwise noted, all measurements performed as downconverter, IF = 100 MHz


Similar Part No. - HMC129LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129LC4 HITTITE-HMC129LC4 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129LC4 HITTITE-HMC129LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
More results

Similar Description - HMC129LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129LC4 HITTITE-HMC129LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129_09 Datasheet
174Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
173Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129_07 Datasheet
171Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129G8 HITTITE-HMC129G8_08 Datasheet
186Kb / 4P
   GaAs MMIC SMT DOUBLE - BALANCED MIXER, 4 - 8 GHz
logo
Analog Devices
HMC129ALC4 AD-HMC129ALC4 Datasheet
205Kb / 16P
   4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
logo
Hittite Microwave Corpo...
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC170C8 HITTITE-HMC170C8_08 Datasheet
229Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 2.5 - 4 GHz
logo
Marki Microwave
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
   GaAs MMIC Double Balanced Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com