Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUN2211 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part No. HUN2211
Description  NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HSMC [Hi-Sincerity Mocroelectronics]
Homepage  http://www.hsmc.com.tw
Logo 

HUN2211 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200302
Issued Date : 2003.03.01
Revised Date : 2005.01.14
Page No. : 1/6
HUN22XX Series
HSMC Product Specification
HUN2211 / HUN2212 / HUN2213 / HUN2214 / HUN2215
HUN2216 / HUN2230 / HUN2231 / HUN2232 / HUN2233
HUN2234 / HUN2235 / HUN2236 / HUN2237 / HUN2238
HUN2240 / HUN2241
NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Description
This new series of digital transistors is designed to replace a single device and its
external resistor bias network. The BRT (Bias Resistor Transistor) contains a single
transistor with a monolithic bias network consisting of two resistors; a series base
resistor and a base-emitter resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce both system cost and
board space. The device is housed in the SOT-23 package which is designed for low
power surface Mount applications.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• Moisture Sensitivity Level: 1
• ESD Rating: Human Body Model: Class1, Machine Model: Class B
• The SOT-23 package can be soldered using wave or reflow. (The modified gull-winged leads absorb thermal stress
during soldering eliminating the possibility of damage to the die.)
• Available in 8mm embossed tape and reel. Use the device number to order the 7 inch / 3,000 unit reel.
Maximum Ratings (T
A=25
oC unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
50
Vdc
Collector-Emitter Voltage
V
CEO
50
Vdc
Collector Curretn
I
C
100
mAdc
Total Power Dissipation @ T
A=25°C
Derate above 25
°C
(Note1)
P
D
200
1.6
mW
mW/
°C
Note1: Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
Thermal Characteristics
Rating
Symbol
Value
Unit
Thermal Resistance-Junction-to-Ambient
RθJA
625
°C/W
Operating and Storage Temperature Range
T
J, Tstg
-65 to +150
°C
Maximum Temperature for Soldering Purposes
Time in Solder Bath
T
L
260
10
°C
Sec
Symbol:
SOT-23
Pin 1
Base
(Input)
R1
R2
Pin 3
Collector
(Output)
Pin 2
Emitter
(Ground)


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2211LT1BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1 2 3 4 5 MoreLeshan Radio Company
LMUN5211T1Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA114YEBias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreMotorola, Inc
LMUN2237LT1Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA115EET1PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
MUN5111WDual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreE-Tech Electronics LTD
LMUN2135LT1Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN5111DW1T1Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn