Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUN2211 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part No. HUN2211
Description  NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HSMC [Hi-Sincerity Mocroelectronics]
Homepage  http://www.hsmc.com.tw
Logo 

HUN2211 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200302
Issued Date : 2003.03.01
Revised Date : 2005.01.14
Page No. : 3/6
HUN22XX Series
HSMC Product Specification
Electrical Characteristics (T
A=25°C unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
*On Characteristics
HUN2211
35
60
-
HUN2212
60
100
-
HUN2213
80
140
-
HUN2214
80
140
-
HUN2215
160
350
-
HUN2216
160
350
-
HUN2230
3
5
-
HUN2231
8
15
-
HUN2232
15
30
-
HUN2233
80
200
-
HUN2234
80
150
-
HUN2235
80
140
-
HUN2236
80
150
-
HUN2237
80
140
HUN2238
160
350
-
HUN2240
160
350
DC Current Gain
(V
CE=10V, IC=5mA)
HUN2241
hFE
160
350
-
Collector-Emitter Saturation Voltage
(I
C=10mA, IB=0.3mA)
(I
C=10mA, IB=5mA) HUN2230/HUN2231
(I
C=10mA, IB=1mA)
HUN2215/HUN2216/HUN2232/HUN2233
HUN2234/HUN2235/HUN2238
V
CE(sat)
-
-
0.25
Vdc
*On Characteristics
HUN2211
-
-
0.2
HUN2212
-
-
0.2
HUN2214
-
-
0.2
HUN2215
-
-
0.2
HUN2216
-
-
0.2
HUN2230
-
-
0.2
HUN2231
-
-
0.2
HUN2232
-
-
0.2
HUN2233
-
-
0.2
HUN2234
-
-
0.2
HUN2235
-
-
0.2
Output Voltage (on)
(V
CC=5V, VB=2.5V, RL=1kΩ)
HUN2238
-
-
0.2
HUN2213
-
-
0.2
(V
CC=5V, VB=3.5V, RL=1kΩ)
HUN2240
-
-
0.2
(V
CC=5V, VB=5.5V, RL=1kΩ)
HUN2236
-
-
0.2
(V
CC=5V, VB=4.0V, RL=1kΩ)
HUN2237
-
-
0.2
(V
CC=5V, VB=5V, RL=1kΩ)
HUN2241
V
OL
--
0.2
Vdc
*Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2211LT1BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1 2 3 4 5 MoreLeshan Radio Company
LMUN5211T1Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA114YEBias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreMotorola, Inc
LMUN2237LT1Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA115EET1PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
MUN5111WDual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreE-Tech Electronics LTD
LMUN2135LT1Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN5111DW1T1Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn