Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUN2211 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part No. HUN2211
Description  NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HSMC [Hi-Sincerity Mocroelectronics]
Homepage  http://www.hsmc.com.tw
Logo 

HUN2211 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200302
Issued Date : 2003.03.01
Revised Date : 2005.01.14
Page No. : 2/6
HUN22XX Series
HSMC Product Specification
Device Marking and Resistor Values
Device
Package
Marking
R1(K)
R2(K)
Shipping
HUN2211
SOT-23
A8A
10
10
3000/Tape & Reel
HUN2212
SOT-23
A8B
22
22
3000/Tape & Reel
HUN2213
SOT-23
A8C
47
47
3000/Tape & Reel
HUN2214
SOT-23
A8D
10
47
3000/Tape & Reel
HUN2215
SOT-23
A8E
10
3000/Tape & Reel
HUN2216
SOT-23
A8F
4.7
3000/Tape & Reel
HUN2230
SOT-23
A8G
1
1
3000/Tape & Reel
HUN2231
SOT-23
A8H
2.2
2.2
3000/Tape & Reel
HUN2232
SOT-23
A8J
4.7
4.7
3000/Tape & Reel
HUN2233
SOT-23
A8K
4.7
47
3000/Tape & Reel
HUN2234
SOT-23
A8L
22
47
3000/Tape & Reel
HUN2235
SOT-23
A8M
2.2
47
3000/Tape & Reel
HUN2236
SOT-23
A8N
100
100
3000/Tape & Reel
HUN2237
SOT-23
A8P
47
22
3000/Tape & Reel
HUN2238
SOT-23
A8R
2.2
3000/Tape & Reel
HUN2240
SOT-23
A8T
47
3000/Tape & Reel
HUN2241
SOT-23
A8U
100
3000/Tape & Reel
Electrical Characteristics (T
A=25°C unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Off Characteristics
Collector-Base Cutoff Current (V
CB=50V, IE=0)
I
CBO
-
-
100
nAdc
Collector-Emitter Cutoff Current (V
CE=50V, IB=0)
I
CEO
-
-
500
nAdc
HUN2211
-
-
0.5
HUN2212
-
-
0.2
HUN2213
-
-
0.1
HUN2214
-
-
0.2
HUN2215
-
-
0.9
HUN2216
-
-
1.9
HUN2230
-
-
4.3
HUN2231
-
-
2.3
HUN2232
-
-
1.5
HUN2233
-
-
0.18
HUN2234
-
-
0.13
HUN2235
-
-
0.2
HUN2236
-
-
0.05
HUN2237
-
-
0.13
HUN2238
-
-
4
HUN2240
-
-
0.2
Emitter-Base Cutoff Current
(V
EB=6V, IC=0)
HUN2241
I
EBO
--
0.1
mAdc
Collector-Base Breakdown Voltage (I
C=10uA, IE=0)
V
(BR)CBO
50
-
-
Vdc
Collector-Emitter Breakdown Voltage (I
C=2mA, IB=0)
*V
(BR)CEO
50
-
-
Vdc
*Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2211LT1BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1 2 3 4 5 MoreLeshan Radio Company
LMUN5211T1Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA114YEBias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreMotorola, Inc
LMUN2237LT1Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA115EET1PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
MUN5111WDual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreE-Tech Electronics LTD
LMUN2135LT1Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN5111DW1T1Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn