Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUN2111 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part No. HUN2111
Description  PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HSMC [Hi-Sincerity Mocroelectronics]
Homepage  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HUN2111 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HUN2111 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HUN2111 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HUN2111 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HUN2111 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HUN2111 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200301
Issued Date : 2003.03.01
Revised Date : 2005.01.14
Page No. : 1/5
HUN21XX Series
HSMC Product Specification
HUN2111 / HUN2112 / HUN2113 / HUN2114 / HUN2115
HUN2116 / HUN2130 / HUN2131 / HUN2132 / HUN2133
HUN2134 / HUN2136 / HUN2137 / HUN2140
PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Description
This new series of digital transistors is designed to replace a single device and its external resistor
bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic
bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The
BRT eliminates these individual components by integrating them into a single device. The use of a
BRT can reduce both system cost and board space. The device is housed in the SOT-23 package
which is designed for low power surface mount applications.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• Moisture Sensitivity Level: 1
• ESD Rating: Human Body Model: Class1, Machine Model: Class B
• The SOT-23 package can be soldered using wave or reflow.
The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die.
• Available in 8mm embossed tape and reel. Use the device number to order the 7 inch / 3,000 unit reel.
Maximum Ratings (T
A=25
oC unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-50
Vdc
Collector-Emitter Voltage
V
CEO
-50
Vdc
Collector Curretn
I
C
-100
mAdc
Thermal Characteristics
Value
Rating
Symbol
Note1
Note2
Unit
Total Power Dissipation @ T
A=25°C
Derate above 25
°C
P
D
246
1.5
400
2.0
mW
mW/
°C
Thermal Resistance-Junction-to-Ambient
RθJA
508
311
°C/W
Thermal Resistance-Junction-to-Lead
RθJL
174
208
°C/W
Operating and Storage Temperature Range
T
J, Tstg
-65 to +150
°C
Note1: FR-4 @ Minimum Pad, Note2: FR-4 @ 1.0X1.0 inch Pad
Device Marking and Resistor Values
Device
Package
Marking
R1(K)
R2(K)
Shipping
HUN2111
SOT-23
A6A
10
10
3000/Tape & Reel
HUN2112
SOT-23
A6B
22
22
3000/Tape & Reel
HUN2113
SOT-23
A6C
47
47
3000/Tape & Reel
HUN2114
SOT-23
A6D
10
47
3000/Tape & Reel
HUN2115
SOT-23
A6E
10
3000/Tape & Reel
HUN2116
SOT-23
A6F
4.7
3000/Tape & Reel
HUN2130
SOT-23
A6G
1
1
3000/Tape & Reel
HUN2131
SOT-23
A6H
2.2
2.2
3000/Tape & Reel
HUN2132
SOT-23
A6J
4.7
4.7
3000/Tape & Reel
HUN2133
SOT-23
A6K
4.7
47
3000/Tape & Reel
HUN2134
SOT-23
A6L
22
47
3000/Tape & Reel
HUN2136
SOT-23
A6N
100
100
3000/Tape & Reel
HUN2137
SOT-23
A6P
47
22
3000/Tape & Reel
HUN2140
SOT-23
A6T
47
3000/Tape & Reel
Symbol:
SOT-23
Pin 1
Base
(Input)
R1
R2
Pin 3
Collector
(Output)
Pin 2
Emitter
(Ground)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DTA115EET1PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
MUN5111WDual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreE-Tech Electronics LTD
LMUN2135LT1Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN5111DW1T1Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA114YEBias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreMotorola, Inc
LMUN2237LT1Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2211LT1BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1 2 3 4 5 MoreLeshan Radio Company
LMUN5211T1Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn