Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUN2111 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part No. HUN2111
Description  PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HUN2111 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HUN2111 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HUN2111 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HUN2111 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HUN2111 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HUN2111 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200301
Issued Date : 2003.03.01
Revised Date : 2005.01.14
Page No. : 3/5
HUN21XX Series
HSMC Product Specification
Electrical Characteristics (T
A=25°C unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
*On Characteristics
Output Voltage (off) (V
CC=-5V, VB=-0.5V, RL=1kΩ)
HUN2115
HUN2116
HUN2131
HUN2132
(V
CC=-5V, VB=-0.25V, RL=1kΩ)
HUN2140
(V
CC=-5V, VB=-0.05V, RL=1kΩ)
HUN2130
V
OH
-4.9
-
-
Vdc
HUN2111
7
10
13
HUN2112
15.4
22
28.6
HUN2113
32.9
47
61.1
HUN2114
7
10
13
HUN2115
7
10
13
HUN2116
3.3
4.7
6.1
HUN2130
0.7
1
1.3
HUN2131
1.5
2.2
2.9
HUN2132
3.3
4.7
6.1
HUN2133
3.3
4.7
6.1
HUN2134
15.4
22
28.6
HUN2136
70
100
130
HUN2137
32.9
47
61.1
Input Resistor
HUN2140
R
1
32.9
47
61.1
k
0.811.2
0.17
0.21
0.25
--
-
0.811.2
0.055
0.1
0.185
0.38
0.47
0.56
Resistor Ratio HUN2111/HUN2112/HUN2113/HUN2136
HUN2114
HUN2115/HUN2116/HUN2140
HUN2130/HUN2131/HUN2132
HUN2133
HUN2134
HUN2137
R
1/R2
1.7
2.1
2.6
*Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DTA115EET1 PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
MUN5111W Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More E-Tech Electronics LTD
LMUN2135LT1 Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  Leshan Radio Company
LMUN5111DW1T1 Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
LMUN5311DW1T1 Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
DTA114YE Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More Motorola, Inc
LMUN2237LT1 Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  Leshan Radio Company
DTC144TT1 NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
LMUN2211LT1 BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1  2  3  4  5  More Leshan Radio Company
LMUN5211T1 Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn