Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLB122D Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part No. HLB122D
Description  NPN Triple Diffused Planar Type High Voltage Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HSMC [Hi-Sincerity Mocroelectronics]
Homepage  http://www.hsmc.com.tw
Logo 

HLB122D Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HD200206
Issued Date : 2002.05.01
Revised Date : 2005.08.16
Page No. : 2/4
HLB122D
HSMC Product Specification
Characteristics Curve
Current Gain & Collector Current
1
10
100
1
10
100
1000
Collector Current-IC (mA)
hFE @ VCE=10V
25
oC
75
oC
125
oC
Saturation Voltage & Collector Current
10
100
1000
10000
1
10
100
1000
Collector Current-IC (mA)
25
oC
75
oC
125
oC
VCE(sat) @ IC=5IB
Saturation Voltage & Collector Current
100
1000
1
10
100
1000
Collector Current-IC (mA)
125
oC
75
oC
25
oC
VBE(sat) @ IC=5IB


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn