Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLB121D Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part No. HLB121D
Description  NPN Triple Diffused Planar Type High Voltage Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HSMC [Hi-Sincerity Mocroelectronics]
Homepage  http://www.hsmc.com.tw
Logo 

HLB121D Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HD200205
Issued Date : 2002.05.01
Revised Date : 2005.08.16
Page No. : 1/4
HLB121D
HSMC Product Specification
HLB121D
NPN Triple Diffused Planar Type High Voltage Transistor
Description
The HLB121D is a medium power transistor designed for use in switching
applications.
Features
• High breakdown voltage
• Low collector saturation voltage
• Fast switching speed
Absolute Maximum Ratings (T
A=25°C)
• Maximum Temperatures
Storage Temperature ........................................................................................................................... -55 ~ +150
°C
Junction Temperature .................................................................................................................................... +150
°C
• Maximum Power Dissipation
Total Power Dissipation (T
C=25°C) .................................................................................................................... 10 W
• Maximum Voltages and Currents
BV
CBO Collector to Base Voltage ....................................................................................................................... 600 V
BV
CEO Collector to Emitter Voltage.................................................................................................................... 400 V
BV
EBO Emitter to Base Voltage .............................................................................................................................. 6 V
I
C Collector Current (DC) ............................................................................................................................... 300 mA
I
C Collector Current (Pulse)............................................................................................................................ 600 mA
I
B Base Current (DC)........................................................................................................................................ 40 mA
I
B Base Current (Pulse) .................................................................................................................................. 100 mA
Electrical Characteristics (T
A=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BV
CBO
600
-
-
V
I
C=100uA
BV
CEO
400
-
-
V
I
C=10mA
BV
EBO
6-
-
V
I
E=10uA
I
CBO
-
-
10
uA
V
CB=550V
I
CEO
-
-
10
uA
V
CB=400V
I
EBO
-
-
10
uA
V
EB=6V
*V
CE(sat)1
-
-
400
mV
I
C=50mA, IB=10mA
*V
CE(sat)2
-
-
750
mV
I
C=100mA, IB=20mA
*V
BE(sat)
--
1
V
I
C=50mA, IB=10mA
*h
FE1
8-
-
V
CE=10V, IC=10mA
*h
FE2
10
-
36
V
CE=10V, IC=50mA
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
TO-126ML


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn