Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H05N60E Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H05N60E
Description  N-Channel Power Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H05N60E Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H05N60E Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H05N60E Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H05N60E Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H05N60E Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H05N60E Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200603
Issued Date : 2006.02.01
Revised Date : 2006.02.07
Page No. : 3/5
H05N60E, H05N60F
HSMC Product Specification
Characteristics Curve
Typical On-Resistance & Drain Current
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
012
345678
9
10
11
12
ID, Drain Current (A)
VGS=10V
VGS=15V
Drain Current Variation with Gate Voltage and
Temperature
0
1
2
3
4
5
6
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
VGS, Gate-Source Voltage (V)
Tc=25
oC
VDS=10 V
On Resistance Variation with Temperature
1.500
1.600
1.700
1.800
1.900
2.000
2.100
2.200
2.300
2.400
2.500
0
25
50
75
100
125
150
TC, Case Temperature (
oC)
VGS=10V
ID=3A
Capacitance Characteristics
0
200
400
600
800
1000
0.1
1
10
100
VDS, Deain-Source Voltage (V)
Ciss
Crss
Coss
On-Region Characteristic
0
1
2
3
4
5
6
7
8
9
10
02468
10
VDS, Drain-Source Voltage (V)
VGS=4V
VGS=5V
VGS=6V
VGS=10V
VGS=8V
Maximum Safe Operating Area
0.1
1
10
10
100
1000
VDS, Drain-Source Voltage (V)
1ms
100ms
10ms


Similar Part No. - H05N60E

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H05N50 HSMC-H05N50 Datasheet
48Kb / 4P
   N-CHANNEL POWER MOSFET
H05N50E HSMC-H05N50E Datasheet
48Kb / 4P
   N-CHANNEL POWER MOSFET
H05N50F HSMC-H05N50F Datasheet
48Kb / 4P
   N-CHANNEL POWER MOSFET
logo
Qualtek Electronics Cor...
H05NND3H2U3G100 QUALTEK-H05NND3H2U3G100 Datasheet
341Kb / 1P
   International Power Cords
H05NND3HU3G100 QUALTEK-H05NND3HU3G100 Datasheet
341Kb / 1P
   International Power Cords
More results

Similar Description - H05N60E

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H06N60 HSMC-H06N60 Datasheet
71Kb / 6P
   N-Channel Power Field Effect Transistor
H01N45A HSMC-H01N45A Datasheet
44Kb / 4P
   N-Channel Power Field Effect Transistor
H01N60S HSMC-H01N60S Datasheet
62Kb / 5P
   N-Channel Power Field Effect Transistor
H03N60 HSMC-H03N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60 HSMC-H02N60 Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60S HSMC-H02N60S Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H07N60 HSMC-H07N60 Datasheet
61Kb / 5P
   N-Channel Power Field Effect Transistor
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H02N65 HSMC-H02N65 Datasheet
171Kb / 6P
   N-Channel Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com