Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H01N60S Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H01N60S
Description  N-Channel Power Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H01N60S Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H01N60S Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H01N60S Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H01N60S Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H01N60S Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H01N60S Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200501
Issued Date : 2005.01.01
Revised Date : 2005.09.28
Page No. : 1/5
H01N60SI, H01N60SJ
HSMC Product Specification
H01N60S Series
N-Channel Power Field Effect Transistor
Description
This high voltage MOSFET uses an advanced termination scheme to
provide enhanced voltage-blocking capability without degratding
performance over time. In addition, this advanced MOSFET is designed to
withstand high energy in avalanche and commutation modes. The new
energy efficient design also offers a drain-to-source diode with a fast
recovery time. Designed for high voltage, high speed switching
applications in power supplies, converters and PWM motor controls,
these devices are particularly well suited for bridge circuits where diode
speed and commutating safe operating areas are critical and offer
additional and saafety margin against unexpected voltage transients.
Features
• 1A, 600V, R
DS(on)=12Ω@VGS=10V
• Low Gate Charge 15nC(Typ.)
• Low C
rss 4pF(Typ.)
• Fast Switching
• Improved d
v/dt Capability
Absolute Maximum Ratings
Symbol
Parameter
H01N60SI / H01N60SJ
Units
V
DSS
Drain-Source Voltage
600
V
Drain Current (Continuous T
C=25
oC)
1
A
I
D
Drain Current (Continuous T
C=100
oC)
0.6
A
I
DM
Drain Current (Pulsed)
*1
4A
V
GS
Gate-Source Voltage
±30
V
E
AS
Single Pulse Avalanche Energy
(L=59mH, I
AS=1.1A, VDD=50V, RG=25Ω, Starting TJ=25°C)
50
mJ
I
AR
Avalanche Current
*1
1A
E
AR
Repetitive Avalanche Energy
2.8
mJ
dv/dt
Peak Diode Recovery dv/dt
*2
4.5
V/nS
V
GS
Gate-to-Source Voltage (Continue)
±20
V
Total Power Dissipation (T
A=25
oC)
2.5
W
Total Power Dissipation (T
C=25
oC)
28
W
P
D
Derate above 25
°C
0.22
W/
°C
T
j, Tstg
Operating and Storage Temperature Range
-55 to +150
°C
T
L
Maximum Lead Temperature for Soldering Purposes, 1/8”
from case for 5 seconds
300
°C
*1: Repetitive Rating : Pulse width limited by maximum junction temperature
*2: ISD≤1.1A, di/dt≤200A/us, VDD≤BVDSS, Starting TJ=25
oC
H01N60S Series Pin Assignment
1
2
3
Tab
3-Lead Plastic TO-252
Package Code: J
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
3-Lead Plastic TO-251
Package Code: I
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
1
2
3
Tab
H01N60S Series
Symbol:
G
D
S


Similar Part No. - H01N60S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H01N60I HSMC-H01N60I Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H01N60J HSMC-H01N60J Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
More results

Similar Description - H01N60S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H06N60 HSMC-H06N60 Datasheet
71Kb / 6P
   N-Channel Power Field Effect Transistor
H01N45A HSMC-H01N45A Datasheet
44Kb / 4P
   N-Channel Power Field Effect Transistor
H03N60 HSMC-H03N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60 HSMC-H02N60 Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60S HSMC-H02N60S Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H05N60 HSMC-H05N60 Datasheet
60Kb / 5P
   N-Channel Power Field Effect Transistor
H07N60 HSMC-H07N60 Datasheet
61Kb / 5P
   N-Channel Power Field Effect Transistor
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H02N65 HSMC-H02N65 Datasheet
171Kb / 6P
   N-Channel Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com