Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W65C21S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. W65C21S
Description  Peripheral Interface Adapter (PIA)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

W65C21S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button W65C21S Datasheet HTML 2Page - List of Unclassifed Manufacturers W65C21S Datasheet HTML 3Page - List of Unclassifed Manufacturers W65C21S Datasheet HTML 4Page - List of Unclassifed Manufacturers W65C21S Datasheet HTML 5Page - List of Unclassifed Manufacturers W65C21S Datasheet HTML 6Page - List of Unclassifed Manufacturers W65C21S Datasheet HTML 7Page - List of Unclassifed Manufacturers W65C21S Datasheet HTML 8Page - List of Unclassifed Manufacturers W65C21S Datasheet HTML 9Page - List of Unclassifed Manufacturers W65C21S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
The Western Design Center, Inc.
W65C21S Data Sheet
AC TIMING CHARACTERISTICS
14 MHz @ 5V
ymbol
Min
Max
Unit
tCYC
70
-
Para
ulse Width
and F
TIMING
Pa
s Set-Up Ti
ral Data Setu
meter
S
PHI2 Cycle
ns
PHI2 P
tC
35
-
ns
PHI2 Rise
all Time
-
5
ns
t t
rc fc
READ
14 MHz @ 5V
rameter
S
ol
Min
Max
Unit
ymb
Addres
me
R
10
-
ns
tAC
Address Hold Time
R
0
-
ns
tCA
Periphe
p Time
10
-
ns
tPCR
Data Bus Delay Time
-
20
ns
tCDR
Data Bus Hold Time
HR
5
-
ns
t
WRITE TIMING
14 MHz @ 5V
bol
nit
AW
ns
W
Data Bus Hold Time
tHW
5
-
ns
Peripheral Data Delay Time
tCP
-
20
ns
W
PERIPHERAL INTERFACE TI
G
14 MHz @ 5V
MIN
bol
Unit
S1
ns
PHI2 High to CB2 Low Delay
tCB
-
70
2
ns
tRS1
ns
CA1, CA1, CB1, and CB2
Input Rise and Fall Time
tr, f
-
10
t
ns
I
3
ns
Parameter
Sym
Min
Max
U
Address Set-Up Time
tACW
10
-
ns
Address Hold Time
tC
0
-
Data Bus Set-Up Time
tDC
10
-
ns
Parameter
Sym
Min
Max
PHI2 Low to CA2 Low Delay
tCA2
-
20
ns
PHI2 Low to CA2 High Delay
tR
-
20
CA1 Active to CA2 High Delay
tRS2
-
25
ns
Peripheral Data Valid to CB2 Low
Delay
tDC
5
-
ns
PHI2 High to CB2 High Delay
-
20
CB1 Active to CB2 High Delay
tRS2
-
25
ns
Interrupt Input Pulse Width
PW
-
70
ns
Interrupt Response Time
tRS
-
20
Interrupt Clear Delay
tIR
-
25
ns
The Western Design Center
W65C21S
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
R65C21Peripheral Interface Adapter PIA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NTE6821Integrated Circuit Peripheral Interface Adapter PIA NMOS 1MHz 1 2 3 4 5 NTE Electronics
MC6821PERIPHERAL INTERFACE ADAPTER 1 2 3 4 5 MoreMotorola, Inc
G65SC21CMOS Peripheral Interface Adapter 1 2 3 4 5 MoreCalifornia Micro Devices Corp
EF6821PERIPHERAL INTERFACE ADAPTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IA8255Programmable Peripheral Interface Adapter 1 2 3 4 InnovASIC, Inc
A8255PROGRAMMABLE PERIPHERAL INTERFACE ADAPTER 1 2 3 4 5 MoreAltera Corporation
LXT944Quad Ethernet Interface Adapter 1 2 3 4 5 MoreLevel One
F6850Asynchronous Communications Interface Adapter ACIA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BA13002FInterface Driver for microcomputer peripheral and display devices 1 2 3 4 5 MoreRohm

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn