Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM54S251 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DM54S251
Description  TRI-STATE 1 of 8 Line Data Selector/Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DM54S251 Datasheet(HTML) 1 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6480
June 1989
DM54S251DM74S251 TRI-STATE
1 of 8 Line
Data SelectorMultiplexer
General Description
These data selectorsmultiplexers contain full on-chip bina-
ry decoding to select one-of-eight data sources and feature
a strobe-controlled TRI-STATE output The strobe must be
at a low logic level to enable these devices The TRI-STATE
outputs permit direct connection to a common bus When
the strobe input is high both outputs are in a high-imped-
ance state in which both the upper and lower transistors of
each totem pole output are off and the output neither drives
nor loads the bus significantly When the strobe is low the
outputs are activated and operate as standard TTL totem-
pole outputs
To minimize the possibility that two outputs will attempt to
take a common bus to opposite logic levels the output con-
trol circuitry is designed so that the average output disable
time is shorter than the average output enable time
Features
Y
TRI-STATE version of S151
Y
Interface directly with system bus
Y
Perform parallel-to-serial conversion
Y
Permit multiplexing from N-lines to one line
Y
Complementary outputs provide true and inverted data
Y
Max no of common outputs
54S 39
74S 129
Y
Typical propagation delay time (D to Y) 8 ns
Y
Typical power dissipation 275 mW
Connection Diagram
TLF6480 – 1
Order Number DM54S251J or DM74S251N
See NS Package Number J16A or N16E
Function Table
Inputs
Outputs
Select
Strobe
YW
CB
A
S
XX
X
H
Z
Z
L
L
L
L
D0
D0
L
L
H
L
D1
D1
L
H
L
L
D2
D2
L
H
H
L
D3
D3
H
L
L
L
D4
D4
H
L
H
L
D5
D5
H
H
L
L
D6
D6
H
H
H
L
D7
D7
H e High Logic Level L e Low Logic Level
X e Don’t Care Z e High Impedance (Off)
D0 D1
D7 e The Level of the respective D input
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn