Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U5197NL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # U5197NL
Description  Monolithic N-Channel JFET Duals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U5197NL Datasheet(HTML) 5 Page - Vishay Siliconix

  U5197NL Datasheet HTML 1Page - Vishay Siliconix U5197NL Datasheet HTML 2Page - Vishay Siliconix U5197NL Datasheet HTML 3Page - Vishay Siliconix U5197NL Datasheet HTML 4Page - Vishay Siliconix U5197NL Datasheet HTML 5Page - Vishay Siliconix U5197NL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SST/U5196NL
Series
Vishay Siliconix
New Product
Document Number: 72156
S-03468—Rev. B, 11-Mar-03
www.vishay.com
7-5
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
0.01
0.1
1
10
1
0
- 1.5
- 1.0
- 0.5
- 2.0
- 2.5
4
3
2
1
0
0.01
0.1
1
130
120
80
110
100
90
0.01
0.1
1
100
10
1
100
5
0.1
1
0.01
100
80
60
40
20
0
Transfer Characteristics
Gate-Source Differential Voltage
vs. Drain Current
Voltage Differential with Temperature
vs. Drain Current
Common Mode Rejection Ratio
vs. Drain Current
VGS - Gate-Source Voltage (V)
ID - Drain Current (mA)
ID - Drain Current (mA)
ID - Drain Current (mA)
ID - Drain Current (mA)
U5196
TA = -55_C
125
_C
VGS(off) = -2 V
VDG = 20 V
DTA = 25 to 125_C
DTA = -55 to 25_C
VDG = 20 V
TA = 25_C
5 - 10 V
VGS(off) = -3 V
Circuit Voltage Gain vs. Drain Current
SST/U5199
U5196
SST/U5199
On-Resistance vs. Drain Current
ID - Drain Current (mA)
0.01
0.1
1
1 k
800
600
400
200
0
VGS(off) = -2 V
A
V +
g
fs RL
1
) R
Lgos
R
L +
10 V
I
D
Assume VDD = 15 V, VDS = 5 V
VDS = 20 V
VGS(off) = -2 V
VGS(off) = -3 V
25
_C
DVDG = 10 - 20 V
VGS1
VGS2
-
DVDG
CMRR = 20 log
D


Similar Part No. - U5197NL

ManufacturerPart #DatasheetDescription
logo
ABB
U51 ABB-U51 Datasheet
138Kb / 4P
   U51 U Compact distribution board, Flush mounting, 60 SU, Isolated (Class II), IP31, Field Width: 1, Rows: 5, 834 mm x 310 mm x 120 mm
2024/02/05
logo
List of Unclassifed Man...
U510 ETC2-U510 Datasheet
228Kb / 1P
   Micro.compass
More results

Similar Description - U5197NL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5545JANTX VISHAY-2N5545JANTX Datasheet
51Kb / 5P
   Monolithic N-Channel JFET Duals
Rev. C, 04-Jun-01
2N5196 VISHAY-2N5196 Datasheet
59Kb / 6P
   Monolithic N-Channel JFET Duals
Rev. D, 04-Jun-01
logo
Micross Components
LS840_PDIP MICROSS-LS840_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS841_PDIP MICROSS-LS841_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS842_TO-78 MICROSS-LS842_TO-78 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_PDIP MICROSS-LS833_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_TO-71 MICROSS-LS833_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_SOIC MICROSS-LS840_SOIC Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_TO-71 MICROSS-LS840_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS844_TO-71 MICROSS-LS844_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com