Electronic Components Datasheet Search |
|
LW010CL Datasheet(PDF) 5 Page - Tyco Electronics |
|
LW010CL Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 24 page Tyco Electronics Corp. 5 Data Sheet August 1998 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W LC/LW010- and LC/LW015-Series Power Modules: Efficiency (VI = VI, nom; IO = IO, max; TA = 25 °C; see Figures 15—28, 35, and 37.) LC015D LC015F LC015A LC015B, C LC010D, G* LC010F LC010A, B, C LC010AJ, BK, CL LW015D LW015F LW015A LW015B, C LW010D, G* LW010F LW010A, B, C LW010AJ, BK, CL η η η η η η η η η η η η η η η η 64 74 77 73 65 71 75 75 66 76 79 75 67 73 77 77 67 77 80 76 68 75 79 78 69 79 82 78 70 76 81 80 — — — — — — — — — — — — — — — — % % % % % % % % % % % % % % % % Efficiency (VI = VI, nom; IO = 2 A; TA = 25 °C; see Figures 15, 18, 22, and 25.) LC015F LC015A LW015F LW015A η η η η — — — — 79 82 82 84 — — — — % % % % Switching Frequency All —— 265 — kHz Dynamic Response (for duals: IO1 or IO2 = IO, max; ∆IO/∆t = 1A/10 µs; VI = VI, nom; TA = 25 °C; see Figures 29 and 30.): Load Change from IO = 50% to 75% of IO, max: Peak Deviation Settling Time (VO < 10% of peak deviation) Load Change from IO = 50% to 25% of IO, max: Peak Deviation Settling Time (VO < 10% of peak deviation) All All All All — — — — — — — — 2 0.8 2 0.8 — — — — %VO, set ms %VO, set ms * For a 2.5 V output, use the 2 V output module (D code) with an output voltage trim pin (optional feature). Table 3. Isolation Specifications Parameter Min Typ Max Unit Isolation Capacitance — 600 — pF Isolation Resistance 10 —— M¾ Table 2. Output Specifications (continued) Parameter Device Code or Suffix Symbol Min Typ Max Unit Electrical Specifications (continued) |
Similar Part No. - LW010CL |
|
Similar Description - LW010CL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |