Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D386 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D386
Description  Low Voltage Audio Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D386 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D386 Datasheet HTML 1Page - List of Unclassifed Manufacturers D386 Datasheet HTML 2Page - List of Unclassifed Manufacturers D386 Datasheet HTML 3Page - List of Unclassifed Manufacturers D386 Datasheet HTML 4Page - List of Unclassifed Manufacturers D386 Datasheet HTML 5Page - List of Unclassifed Manufacturers D386 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Silicore
D386
EQUIVALENT SCHEMATIC AND CONNECTION DIAGRAMS
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
C h a r a c t e r i s t i c
S y mb o l
Va l u e
U n i t
Maximu m Input Vo ltage
V IN
±0.4
V
Supply Vo ltage
Vcc
15
V
Maximu m Power Disspation
P D
6 6 0
mV
Soldering temp erature(10 sec.)
T S
2 6 0
°C
Junction Te mp erature
Tj
150
°C
Operating Te mp erature
Ta mb
-10~+70
°C
St orage Te mp erature
Ts tg
-40~125
°C
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified: Vcc=6V , R L =8 Ω , f=1kHz , Ta mb =25 ℃ )
C h a r a c t e r i s t i c s
Te s t c o n d i t i o n s
Sy mbol
M i n
Ty p
Max
U nit
Operating Supply
Voltage
V c c
1 2
V
Quiescent Current
Vcc=6V , V IN =0
I c c
-
4
8
mA
Vcc=6V, R L =8
Ω, THD=10%
2 5 0
3 2 5
Output Power
Vcc=9V, R L =8
Ω, THD=10%
Po
5 0 0
7 0 0
mW
Vcc=6V, f=1kHz
-
26
-
Voltage Gain
1 脚、 8 脚间接 10 μ F 电容
Av
-
4 6
-
dB
Bandwidth
Vcc=6V , 脚 1 、 8 开路
B W
-
3 0 0
-
k H z
Total Harm onic
Distortion
Vcc=6V , R L =8 Ω, Po=125mW ,
f=1kHz
脚 1、 8 开路
T H D
-
0 . 2
-
%
Power Supply
Rejection Ratio
Vcc=6V , f=1kHz , C BYPA S S =1 0 μ
F , 1 、 8 脚开路、输出为参考
P S R R
5 0
d B
Input Resistance
R IN
-
5 0
-
k Ω
Input Bias Current
Vcc=6V , 2 、 3 脚开路
I B
-
2 5 0
-
n A
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
2/6


Similar Part No. - D386

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
D38-8 PETERMANN-D38-8 Datasheet
90Kb / 5P
   HIGH RELIABILITY FOR LOW COST
D38.9P PETERMANN-D38.9P Datasheet
90Kb / 5P
   HIGH RELIABILITY FOR LOW COST
logo
Nell Semiconductor Co.,...
D3800E NELLSEMI-D3800E Datasheet
227Kb / 5P
   High voltage ratings up to 5500V
D3800E NELLSEMI-D3800E Datasheet
667Kb / 5P
   Standard Recovery Diodes
D3800E40 NELLSEMI-D3800E40 Datasheet
667Kb / 5P
   Standard Recovery Diodes
More results

Similar Description - D386

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
   LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
New Japan Radio
NJM2135 NJRC-NJM2135 Datasheet
183Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602_15 Datasheet
200Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
LM386 ARTSCHIP-LM386 Datasheet
411Kb / 9P
   Low Voltage Audio Power Amplifier
logo
Hangzhou Youwang Electr...
UTC386 YOUWANG-UTC386 Datasheet
80Kb / 2P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com