4 / 10 page
Data Sheet
PT8A971AP/972AP
5-Function Remote Controller
PT0066(28/08/01)
Ver:0
4
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Code Format
(W1 is for function codes and W2 for start codes)
Word Format
Encoding and Decoding Timing
Encoding String: W2, W2, W2, W2, (n)xW1, W2, W2, W2, W2, (n)xW1, W2, W2, W2, W2, (n)xW1, ... ...
1st word 2nd word
last word
Encoding Output
from PT8A971AP
1
2
3
14 15
Function Codes
End Codes
Press Any Button
on PT8A971AP
9ms
9ms
Decoding Output
from PT8A972AP
W1
W1: 1kHz 50% Duty Cycle (Typical)
W2
W2: 500Hz 75% Duty Cycle (Typical)
Start Code: 4 x W2
Function Code: n x W1
1 Word