Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGF4851A Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. MGF4851A
Description  SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MGF4851A Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUBISHI SEMICONDUCTOR <GaAs FET>
MGF4851A
SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MITSUBISHI
(2/5)
June/2004
June/2004
Fig.1
Top
Side
Bottom
Œ

‡…‰‡ç‡…ˆ
‡…‡ç‡…ˆ
from "A" side view
‰…Š‡€
‡…Š‡€
RWUYW
TWUXW
‰…ˆŒ
b
‰„©‡…‰ŽŒ
‰„©‡…‰‡
‰„
ˆ…
‡‰
€
‹„‡…
ŒŒ
燅‡Œ
Ž

Square shape electrode is Drain
2.
2.
1.
3.
1. Gate
2. Source
3. Drain
Unit : mm
1.
2.
2.
3.
G
7
1 A A


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MGF4953ASUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF4934AMSUPER LOW NOISE InGaAs HEMT 4pin flat lead package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF4931AMSUPER LOW NOISE InGaAs HEMT 4pin flat lead package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF431XGSuper Low Noise InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4910DTAPE CARRIER SUPER LOW NOISE INGAAS HEMT 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MGF491XGSUPER LOW NOISE InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4951ASUPER LOW NOISE InGaAs HEMT 1 2 3 4 Mitsubishi Electric Semiconductor
ATF-551M4Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ATF-541M4Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn