Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT646AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ABT646AD
Description  Octal bus transceiver/register 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT646AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT646AD Datasheet HTML 2Page - NXP Semiconductors 74ABT646AD Datasheet HTML 3Page - NXP Semiconductors 74ABT646AD Datasheet HTML 4Page - NXP Semiconductors 74ABT646AD Datasheet HTML 5Page - NXP Semiconductors 74ABT646AD Datasheet HTML 6Page - NXP Semiconductors 74ABT646AD Datasheet HTML 7Page - NXP Semiconductors 74ABT646AD Datasheet HTML 8Page - NXP Semiconductors 74ABT646AD Datasheet HTML 9Page - NXP Semiconductors 74ABT646AD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74ABT646A
Octal bus transceiver/register (3-State)
1998 Feb 17
6
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
3.0
2.5
V
VOH
High–level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.5
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low–level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.3
0.55
0.55
V
VRST
Power-up output low
voltage3
VCC = 5.5V; IO = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
I
Input leakage
Control pins
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
II
current
Data pins
VCC = 5.5V; VI = GND or 5.5V
±5
±100
±100
µA
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/IPD
Power-up/down 3-State
output current4
VCC = 2.1V; VO = 0.5V; VI = GND or VCC;
V OE = Don’t care
±5.0
±50
±50
µA
IIH + IOZH
3–State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
5.0
50
50
µA
IIL + IOZL
3–State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–5.0
–50
–50
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1, 5
VCC = 5.5V; VO = 2.5V
–40
–65
–180
–40
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
110
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
20
30
30
mA
ICCZ
Quiescent su
ly current
VCC = 5.5V; Outputs 3–State;
VI = GND or VCC
110
250
250
µA
∆ICC
Additional supply current per
input pin2
VCC = 5.5V; one input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
0.6
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
4. This parameter is valid for any VCC between 0V and 2.1V, with a transition time of up to 10msec. From VCC = 2.1V to VCC = 5V ± 10%, a
transition time of up to 100
µsec is permitted.
5. This data sheet limit may vary among suppliers.


Similar Part No. - 74ABT646AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT646AD NXP-74ABT646AD Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74ABT646ADB NXP-74ABT646ADB Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results

Similar Description - 74ABT646AD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
74HC646 PHILIPS-74HC646 Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com