Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-B4530A Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-B4530A
Description  LED Components
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-B4530A Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-B4530A Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-B4530A Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B4
45
53
30
0A
A
Ver.1.0 Page: 2 of 2
SINCE 1981
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
-
2.1
2.6
V
Luminous Intensity
Iv
IF=20mA
-
100
-
mcd
Reverse Current
IR
VR=5V
-
-
100
µA
Peak Wave Length
λp
IF=20mA
-
640
-
nm
Dominant Wave Length
λd
IF=20mA
617
-
638
nm
Spectral Line Half-width
∆λ
IF=20mA
-
40
-
nm
Viewing Angle
2
θ
1/2
IF=20mA
-
50
-
deg
● Typical Electro-Optical Characteristics Curves
0
0.5
1.0
1.5
Forward current (mA)
10
20
30
40
50
Fig.3 Forward current vs. Forward voltage
Fig.5 Relative luminous intensity
2.0
0
10
20
30
40
50
vs. Forward current
Forward voltage(V)
12
34
5
0.7
0.8
0.9
1.0
0.5
0.3
0.1
0.2
80
90
70
0.4
0.6
60
50
40
Fig.4 Relative luminous intensity
Ambient temperature Ta(
)
vs. Ambient temperature
Fig.6 Radiation diagram
0
-40
0.5
010
-20
0
20
1.0
1.5
2.0
2.5
3.0
30
20
40
60
Fig.1 Relative intensity vs. Wavelength
540
0
0.5
1.0
Wavelength
λ (nm)
640
740
Ambient temperature Ta(
)
vs. Ambient temperature
Fig.2 Forward current derating curve
40
10
10
0
20
30
20
40
60
50
60
100
80


Similar Part No. - BL-B4530A

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4530A YSTONE-BL-B4530A Datasheet
203Kb / 2P
   BIGGER SIZE LED LAMPS (ROUND TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-B4530A BRIGHT-BL-B4530A Datasheet
140Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4530A BRIGHT-BL-B4530A Datasheet
282Kb / 5P
   10 ??ROUND
BL-B4530A BRIGHT-BL-B4530A_2 Datasheet
282Kb / 5P
   10 ??ROUND
More results

Similar Description - BL-B4530A

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-B4532 AMERICANBRIGHT-BL-B4532 Datasheet
108Kb / 2P
   LED Components
Ver.2.0
BL-B2433N AMERICANBRIGHT-BL-B2433N Datasheet
370Kb / 4P
   LED Components
Ver.1.0
BL-B4333 AMERICANBRIGHT-BL-B4333 Datasheet
125Kb / 2P
   LED Components
Ver.1.0
BL-B4533N AMERICANBRIGHT-BL-B4533N Datasheet
109Kb / 2P
   LED Components
Ver.2.0
BL-B2139B AMERICANBRIGHT-BL-B2139B Datasheet
107Kb / 2P
   LED Components
Ver.1.1
BL-B3130A AMERICANBRIGHT-BL-B3130A Datasheet
121Kb / 2P
   LED Components
Ver.2.0
BL-B3137N AMERICANBRIGHT-BL-B3137N Datasheet
134Kb / 2P
   LED Components
Ver.2.0
BL-B4533 AMERICANBRIGHT-BL-B4533 Datasheet
106Kb / 2P
   LED Components
Ver.1.0
BL-BB33V2 AMERICANBRIGHT-BL-BB33V2 Datasheet
405Kb / 5P
   LED Components
Ver.1.1
BL-B21V1T AMERICANBRIGHT-BL-B21V1T Datasheet
108Kb / 2P
   LED Components
Ver.1.0
BL-B3133 AMERICANBRIGHT-BL-B3133 Datasheet
103Kb / 2P
   LED Components
Ver.1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com