Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS864418E-V Datasheet(PDF) 30 Page - GSI Technology

Part # GS864418E-V
Description  4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS864418E-V Datasheet(HTML) 30 Page - GSI Technology

Back Button GS864418E-V Datasheet HTML 24Page - GSI Technology GS864418E-V Datasheet HTML 25Page - GSI Technology GS864418E-V Datasheet HTML 26Page - GSI Technology GS864418E-V Datasheet HTML 27Page - GSI Technology GS864418E-V Datasheet HTML 28Page - GSI Technology GS864418E-V Datasheet HTML 29Page - GSI Technology GS864418E-V Datasheet HTML 30Page - GSI Technology GS864418E-V Datasheet HTML 31Page - GSI Technology GS864418E-V Datasheet HTML 32Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Preliminary
GS864418/36E-xxxV
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 6/2006
30/32
© 2003, GSI Technology
4M x 18
GS864418E-250
Synchronous Burst MCM
1.8 V or 2.5 V
165 BGA
250/6.5
C
PQ
4M x 18
GS864418E-225V
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
225/6.5
C
PQ
4M x 18
GS864418E-200V
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
200/6.5
C
PQ
4M x 18
GS864418E-166V
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
166/8
C
PQ
4M x 18
GS864418E-150V
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
150/8.5
C
PQ
4M x 18
GS864418E-133V
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
133/8.5
C
PQ
2M x 36
GS864436E-250V
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
250/6.5
C
PQ
2M x 36
GS864436E-225V
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
225/6.5
C
PQ
2M x 36
GS864436E-200V
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
200/6.5
C
PQ
2M x 36
GS864436E-166V
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
166/8
C
PQ
2M x 36
GS864436E-150V
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
150/8.5
C
PQ
2M x 36
GS864436E-133V
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
133/8.5
C
PQ
4M x 18
GS864418E-250IV
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
250/6.5
I
PQ
4M x 18
GS864418E-225IV
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
225/6.5
I
PQ
4M x 18
GS864418E-200IV
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
200/6.5
I
PQ
4M x 18
GS864418E-166IV
Synchronous Burst MCM
1.8 V or 2.5 V
RoHS-compliant
165 BGA
166/8
I
PQ
Ordering Information for GSI Synchronous Burst RAMs (Continued)
Org
Part Number1
Type
Voltage
Option
Package
Speed2
(MHz/ns)
TA3 Status4
Notes:
1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. Example: GS864418B-150IB.
2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each
device is Pipeline/Flow Through mode-selectable by the user.
3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range.
4. PQ = Pre-Qualification.
5.
GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are
covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings.


Similar Part No. - GS864418E-V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS864418E-133 GSI-GS864418E-133 Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864418E-133I GSI-GS864418E-133I Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864418E-150 GSI-GS864418E-150 Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864418E-150I GSI-GS864418E-150I Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864418E-166 GSI-GS864418E-166 Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS864418E-V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS864418 GSI-GS864418 Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS8644V18B GSI-GS8644V18B Datasheet
1Mb / 40P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864236GB-250I GSI-GS864236GB-250I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864218B-V GSI-GS864218B-V Datasheet
1Mb / 35P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864018T GSI-GS864018T Datasheet
979Kb / 24P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T-V GSI-GS864018T-V Datasheet
927Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS8640E18T-V GSI-GS8640E18T-V Datasheet
926Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS8128236GB-200IV GSI-GS8128236GB-200IV Datasheet
455Kb / 35P
   8M x 18, 4M x 36 144Mb S/DCD Sync Burst SRAMs
GS8128218GD-250I GSI-GS8128218GD-250I Datasheet
462Kb / 37P
   8M x 18, 4M x 36 144Mb S/DCD Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com