Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS816273CC-300I Datasheet(PDF) 4 Page - GSI Technology

Part # GS816273CC-300I
Description  256K x 72 18Mb S/DCD Sync Burst SRAMs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816273CC-300I Datasheet(HTML) 4 Page - GSI Technology

  GS816273CC-300I Datasheet HTML 1Page - GSI Technology GS816273CC-300I Datasheet HTML 2Page - GSI Technology GS816273CC-300I Datasheet HTML 3Page - GSI Technology GS816273CC-300I Datasheet HTML 4Page - GSI Technology GS816273CC-300I Datasheet HTML 5Page - GSI Technology GS816273CC-300I Datasheet HTML 6Page - GSI Technology GS816273CC-300I Datasheet HTML 7Page - GSI Technology GS816273CC-300I Datasheet HTML 8Page - GSI Technology GS816273CC-300I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
GS816273CC-333/300/250
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01a 6/2006
4/28
© 2005, GSI Technology
BPR1999.05.18
VDDQ
I
Output driver power supply
VDDQ/DNU
VDDQ or VDD
or
Do Not Use (must be left floating)
GS816273C BGA Pin Description
Symbol
Type
Description


Similar Part No. - GS816273CC-300I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816273CC-250IV GSI-GS816273CC-250IV Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC-250V GSI-GS816273CC-250V Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS816273CC-300I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816273C GSI-GS816273C Datasheet
516Kb / 25P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS8162V72CC GSI-GS8162V72CC Datasheet
661Kb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC GSI-GS816272CC Datasheet
868Kb / 31P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-V GSI-GS816272CC-V Datasheet
1Mb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC-250V GSI-GS816273CC-250V Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com