Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS816218BB-150IV Datasheet(PDF) 5 Page - GSI Technology

Part # GS816218BB-150IV
Description  1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816218BB-150IV Datasheet(HTML) 5 Page - GSI Technology

  GS816218BB-150IV Datasheet HTML 1Page - GSI Technology GS816218BB-150IV Datasheet HTML 2Page - GSI Technology GS816218BB-150IV Datasheet HTML 3Page - GSI Technology GS816218BB-150IV Datasheet HTML 4Page - GSI Technology GS816218BB-150IV Datasheet HTML 5Page - GSI Technology GS816218BB-150IV Datasheet HTML 6Page - GSI Technology GS816218BB-150IV Datasheet HTML 7Page - GSI Technology GS816218BB-150IV Datasheet HTML 8Page - GSI Technology GS816218BB-150IV Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
GS8162xxBB-xxxV
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01a 6/2006
5/31
© 2004, GSI Technology
GS816218/36BB-xxxV Block Diagram
A1
A0
A0
A1
D0
D1
Q1
Q0
Counter
Load
DQ
DQ
Register
Register
DQ
Register
DQ
Register
DQ
Register
DQ
Register
DQ
Register
DQ
Register
A0–An
LBO
ADV
CK
ADSC
ADSP
GW
BW
E1
FT
G
ZZ
Power Down
Control
Memory
Array
36
36
4
A
QD
DQx1–DQx9
36
36
Note: Only x36 version shown for simplicity.
0
36
36
BA
BB
BC
BD


Similar Part No. - GS816218BB-150IV

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816218BB-150I GSI-GS816218BB-150I Datasheet
1Mb / 37P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
GS816218BB-150I GSI-GS816218BB-150I Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS816218BB-150IV

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816218BB GSI-GS816218BB Datasheet
1Mb / 37P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS832418B GSI-GS832418B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com