Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS815036AB-300I Datasheet(PDF) 7 Page - GSI Technology

Part # GS815036AB-300I
Description  1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS815036AB-300I Datasheet(HTML) 7 Page - GSI Technology

Back Button GS815036AB-300I Datasheet HTML 3Page - GSI Technology GS815036AB-300I Datasheet HTML 4Page - GSI Technology GS815036AB-300I Datasheet HTML 5Page - GSI Technology GS815036AB-300I Datasheet HTML 6Page - GSI Technology GS815036AB-300I Datasheet HTML 7Page - GSI Technology GS815036AB-300I Datasheet HTML 8Page - GSI Technology GS815036AB-300I Datasheet HTML 9Page - GSI Technology GS815036AB-300I Datasheet HTML 10Page - GSI Technology GS815036AB-300I Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 3.6
V
VDDQ
Voltage in VDDQ Pins
–0.5 to VDD
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ + 0.5 (≤ 3.6 V max.)
V
VIN
Voltage on Other Input Pins
–0.5 to VDDQ + 0.5 (≤ 3.6 V max.)
V
IIN
Input Current on Any Pin
+/–20
mA dc
IOUT
Output Current on Any I/O Pin
+/–20
mA dc
TJ
Maximum Junction Temperature
125
oC
TSTG
Storage Temperature
–55 to 125
ºC
GS815018/36AB-357/333/300/250
Product Preview
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 10/2005
7/25
© 2003, GSI Technology
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions, for an extended period of time, may affect
reliability of this component.
Recommended Operating Conditions
Power Supplies
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Supply Voltage
VDD
2.3
2.5
2.7
V
Ambient Temperature
(Commercial Range Versions)
TA
0
25
70
°C
Ambient Temperature
(Industrial Range Versions)
TA
–40
25
85
°C
1
Note:
The part number of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifications quoted
are evaluated for worst case in the temperature range marked on the device.


Similar Part No. - GS815036AB-300I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8150V18AB GSI-GS8150V18AB Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-250 GSI-GS8150V18AB-250 Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-250I GSI-GS8150V18AB-250I Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-300 GSI-GS8150V18AB-300 Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-300I GSI-GS8150V18AB-300I Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
More results

Similar Description - GS815036AB-300I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8150V18AB GSI-GS8150V18AB Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com