Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C4M4F1-60JI Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C4M4F1-60JI
Description  5V 4M횞4 CMOS DRAM (Fast Page mode)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M4F1-60JI Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C4M4F1-60JI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C4M4F1-60JI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M4F1-60JI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M4F1-60JI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M4F1-60JI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M4F1-60JI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M4F1-60JI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M4F1-60JI Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M4F1-60JI Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
4/11/01; v.0.9
Alliance Semiconductor
P. 6 of 18
AS4C4M4F0
AS4C4M4F1
®
Write cycle
Read-modify-write cycle
Refresh cycle
Symbol
Parameter
-50
-60
Unit
Notes
Min
Max
Min
Max
tWCS
Write command setup time
0
0
ns
11
tWCH
Write command hold time
10
10
ns
11
tWP
Write command pulse width
10
10
ns
tRWL
Write command to RAS lead time
10
10
ns
tCWL
Write command to CAS lead time
8
10
ns
tDS
Data-in setup time
0
0
ns
12
tDH
Data-in hold time
8
10
ns
12
Symbol
Parameter
-50
-60
Unit
Notes
Min
Max
Min
Max
tRWC
Read-write cycle time
113
135
ns
tRWD
RAS to WE delay time
67
77
ns
11
tCWD
CAS to WE delay time
32
35
ns
11
tAWD
Column address to WE delay time
42
47
ns
11
Symbol
Parameter
-50
-60
Unit
Notes
Min
Max
Min
Max
tCSR
CAS setup time (CAS-before-RAS)5
5
ns
3
tCHR
CAS hold time (CAS-before-RAS)8
10
ns
3
tRPC
RAS precharge to CAS hold time
0
0
ns
tCPT
CAS precharge time
(CBR counter test)
10
10
ns


Similar Part No. - AS4C4M4F1-60JI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4M4 AUSTIN-AS4C4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-6/IT AUSTIN-AS4C4M4DG-6/IT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-6/XT AUSTIN-AS4C4M4DG-6/XT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-7/IT AUSTIN-AS4C4M4DG-7/IT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-7/XT AUSTIN-AS4C4M4DG-7/XT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
More results

Similar Description - AS4C4M4F1-60JI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC4M4F1 ALSC-AS4LC4M4F1 Datasheet
272Kb / 14P
   4M횞4 CMOS DRAM (Fast Page) 3.3V Family
AS4C256K16FO ALSC-AS4C256K16FO Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
   16Mb DRAM WITH FAST PAGE MODE
IS41C16257C ISSI-IS41C16257C Datasheet
361Kb / 20P
   4Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
   16Mb DRAM WITH FAST PAGE MODE
logo
Austin Semiconductor
AS4LC4M4 AUSTIN-AS4LC4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Micron Technology
MT4C4004J MICRON-MT4C4004J Datasheet
887Kb / 12P
   1 MEG x 4 DRAM 5V, QUAD CAS PARITY, FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com