Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS84018B-166I Datasheet(PDF) 9 Page - GSI Technology

Part # GS84018B-166I
Description  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84018B-166I Datasheet(HTML) 9 Page - GSI Technology

Back Button GS84018B-166I Datasheet HTML 5Page - GSI Technology GS84018B-166I Datasheet HTML 6Page - GSI Technology GS84018B-166I Datasheet HTML 7Page - GSI Technology GS84018B-166I Datasheet HTML 8Page - GSI Technology GS84018B-166I Datasheet HTML 9Page - GSI Technology GS84018B-166I Datasheet HTML 10Page - GSI Technology GS84018B-166I Datasheet HTML 11Page - GSI Technology GS84018B-166I Datasheet HTML 12Page - GSI Technology GS84018B-166I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Rev: 2.05 6/2000
9/31
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
.
GS84018/32/36T/B-180/166/150/100
BGA Pin Description
Pin Location
Symbol
Type
Description
N4, P4
A0, A1
I
Address field LSB’s and Address Counter Preset Inputs.
A2, A3, A5, A6, B3, B5, C2, C3, C5,
C6, R2, R6, T3, T5
An
I
Address Inputs
T4
An
Address Input (x32/36 Versions)
T2, T6
NC
-
No Connect (x32/36 Versions)
T2, T6
An
I
Address Input (x18 Version)
K7, K6, L7, L6, M6, N7, N6, P7
H7, H6, G7, G6, F6, E7, E6, D7
H1, H2, G1, G2, F2, E1, E2, D1
K1, K2, L1, L2, M2, N1, N2, P1
DQA1-DQA8
DQB1-DQB8
DQC1-DQC8
DQD1-DQD8
I/O
Data Input and Output pins. (x32/36 Versions)
P6, D6, D2, P2
DQA9, DQB9,
DQC9, DQD9
I/O
Data Input and Output pins. (x36 Version)
P6, D6, D2, P2
NC
-
No Connect (x32 Version)
L5, G5, G3, L3
BA, BB, BC, BD
I
Byte Write Enable for DQA, DQB, DQC, DQD I/O’s. Active Low. ( x36 Version)
P7, N6, L6, K7, H6, G7, F6, E7, D6
D1, E2, G2, H1, K2, L1, M2, N1, P2
DQA1-DQA9
DQB1-DQB9
I/O
Data Input and Output pins. (x18 Version)
L5, G3
BA, BB
I
Byte Write Enable for DQA, DQB I/O’s. Active Low. ( x18 Version)
B1, C1, R1, T1, U2, J3, U3, D4, L4,
U4, J5, U5, U6, B7, C7, R7
NC
-
No Connect
P6, N7, M6, L7, K6, H7, G6, E6, D7,
D2, B1, E1, F2, G1, H2, K1, L2, N2,
P1, G5, L3, T4
NC
-
No Connect (x18 Version)
K4
CK
I
Clock Input Signal. Active High.
M4
BW
I
Byte Write. Writes all enabled bytes. Active Low.
H4
GW
I
Global Write Enable. Writes all bytes. Active Low.
E4, B6
E1, E3
I
Chip Enable. Active Low.
B2
E2
I
Chip Enable. Active High.
F4
G
I
Output Enable. Active Low.
G4
ADV
I
Burst address counter advance enable. Active Low.
A4, B4
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller). Active Low.
T7
ZZ
I
Sleep Mode control. Active High.
R5
FT
I
Flow Through or Pipeline mode. Active Low.
R3
LBO
I
Linear Burst Order mode. Active Low.
J2, C4, J4, R4, J6
VDD
I
Core power supply.
D3, E3, F3, H3, K3, M3, N3, P3, D5,
E5, F5, H5, K5, M5, N5, P5
VSS
I
I/O and Core Ground.
A1, F1, J1, M1, U1, A7, F7, J7, M7,
U7
VDDQ
I
Output driver power supply.


Similar Part No. - GS84018B-166I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-100 GSI-GS84018AB-100 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-100I GSI-GS84018AB-100I Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-150 GSI-GS84018AB-150 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-150I GSI-GS84018AB-150I Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

Similar Description - GS84018B-166I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com