Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C4M4F0-60JI Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C4M4F0-60JI
Description  5V 4M횞4 CMOS DRAM (Fast Page mode)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M4F0-60JI Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C4M4F0-60JI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C4M4F0-60JI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C4M4F0-60JI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M4F0-60JI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M4F0-60JI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M4F0-60JI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M4F0-60JI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M4F0-60JI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M4F0-60JI Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
4/11/01; v.0.9
Alliance Semiconductor
P. 2 of 18
AS4C4M4F0
AS4C4M4F1
®
Functional description
The AS4C4M4F0 and AS4C4M4F1 are high performance 16-megabit CMOS Dynamic Random Access Memory (DRAM) devices organized as
4,194,304 words × 4 bits. The devices are fabricated using advanced CMOS technology and innovative design techniques resulting in high
speed, extremely low power and wide operating margins at component and system levels. The Alliance 16Mb DRAM family is optimized for
use as main memory in PC, workstation, router and switch applications.
These devices feature a high speed page mode operation where read and write operations within a single row (or page) can be executed at
very high speed by toggling column addresses within that row. Row and column addresses are alternately latched into input buffers using the
falling edge of RAS and CAS inputs respectively. Also, RAS is used to make the column address latch transparent, enabling application of
column addresses prior to CAS assertion.
Refresh on the 4096 address combinations of A0 to A11 must be performed every 64 ms using:
•RAS-only refresh: RAS is asserted while CAS is held high. Each of the 4096 rows must be strobed. Outputs remain high impedence.
• Hidden refresh: CAS is held low while RAS is toggled. Refresh address is generated internally. Outputs remain low impedence with
previous valid data.
•CAS-before-RAS refresh (CBR): CAS is asserted prior to RAS. Refresh address is generated internally.
Outputs are high-impedence (OE and WE are don't care).
• Normal read or write cycles refresh the row being accessed.
• Self-refresh cycles
Refresh on the 2048 address combinations of A0 to A10 must be performed every 32 ms using:
•RAS-only refresh: RAS is asserted while CAS is held high. Each of the 2048 rows must be strobed. Outputs remain high impedence.
• Hidden refresh: CAS is held low while RAS is toggled. Refresh address is generated internally. Outputs remain low impedence with
previous valid data.
•CAS-before-RAS refresh (CBR): CAS is asserted prior to RAS. Refresh address is generated internally.
Outputs are high-impedence (OE and WE are don't care).
• Normal read or write cycles refresh the row being accessed.
• Self-refresh cycles
The AS4C4M4F0 and AS4C4M4F1 are available in the standard 24/26-pin plastic SOJ and 24/26-pin plastic TSOP packages. The
AS4C4M4F0 and AS4C4M4F1 operate with a single power supply of 5V ± 0.5V and provide TTL compatible inputs and outputs.
Logic block diagram for 4K refresh
RAS clock
generator
4096 × 1024 × 4
Array
(16,777,216)
Sense amp
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
Column decoder
Data
I/O
buffers
OE
RAS
CAS
WE clock
generator
WE
I/O0 to I/O3
CAS clock
generator
A9
A10
A11


Similar Part No. - AS4C4M4F0-60JI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4M4 AUSTIN-AS4C4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-6/IT AUSTIN-AS4C4M4DG-6/IT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-6/XT AUSTIN-AS4C4M4DG-6/XT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-7/IT AUSTIN-AS4C4M4DG-7/IT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4C4M4DG-7/XT AUSTIN-AS4C4M4DG-7/XT Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
More results

Similar Description - AS4C4M4F0-60JI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC4M4F1 ALSC-AS4LC4M4F1 Datasheet
272Kb / 14P
   4M횞4 CMOS DRAM (Fast Page) 3.3V Family
AS4C256K16FO ALSC-AS4C256K16FO Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
   16Mb DRAM WITH FAST PAGE MODE
IS41C16257C ISSI-IS41C16257C Datasheet
361Kb / 20P
   4Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
   16Mb DRAM WITH FAST PAGE MODE
logo
Austin Semiconductor
AS4LC4M4 AUSTIN-AS4LC4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Micron Technology
MT4C4004J MICRON-MT4C4004J Datasheet
887Kb / 12P
   1 MEG x 4 DRAM 5V, QUAD CAS PARITY, FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com