Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS84018T Datasheet(PDF) 29 Page - GSI Technology

Part # GS84018T
Description  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84018T Datasheet(HTML) 29 Page - GSI Technology

Back Button GS84018T Datasheet HTML 23Page - GSI Technology GS84018T Datasheet HTML 24Page - GSI Technology GS84018T Datasheet HTML 25Page - GSI Technology GS84018T Datasheet HTML 26Page - GSI Technology GS84018T Datasheet HTML 27Page - GSI Technology GS84018T Datasheet HTML 28Page - GSI Technology GS84018T Datasheet HTML 29Page - GSI Technology GS84018T Datasheet HTML 30Page - GSI Technology GS84018T Datasheet HTML 31Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Rev: 2.05 6/2000
29/31
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
.
GS84018/32/36T/B-180/166/150/100
Ordering Information for GSI Synchronous Burst RAMS
Org
Part Number1
Type
Package
Speed2
(Mhz/
ns)
TA3
Status
256K x 18
GS84018T-180
Pipeline/Flow Through
TQFP
180/8
C
256K x 18
GS84018T-166
Pipeline/Flow Through
TQFP
166/8.5
C
256K x 18
GS84018T-150
Pipeline/Flow Through
TQFP
150/10
C
256K x 18
GS84018T-100
Pipeline/Flow Through
TQFP
100/12
C
128K x 32
GS84032T-180
Pipeline/Flow Through
TQFP
180/8
C
128K x 32
GS84032T-166
Pipeline/Flow Through
TQFP
166/8.5
C
128K x 32
GS84032T-150
Pipeline/Flow Through
TQFP
150/10
C
128K x 32
GS84032T-100
Pipeline/Flow Through
TQFP
100/12
C
128K x 36
GS84036T-180
Pipeline/Flow Through
TQFP
180/8
C
128K x 36
GS84036T-166
Pipeline/Flow Through
TQFP
166/8.5
C
128K x 36
GS84036T-150
Pipeline/Flow Through
TQFP
150/10
C
128K x 36
GS84036T-100
Pipeline/Flow Through
TQFP
100/12
C
256K x 18
GS84018T-180I
Pipeline/Flow Through
TQFP
180/8
I
Not Available
256K x 18
GS84018T-166I
Pipeline/Flow Through
TQFP
166/8.5
I
256K x 18
GS84018T-150I
Pipeline/Flow Through
TQFP
150/10
I
256K x 18
GS84018T-100I
Pipeline/Flow Through
TQFP
100/12
I
128K x 32
GS84032T-180I
Pipeline/Flow Through
TQFP
180/8
I
Not Available
128K x 32
GS84032T-166I
Pipeline/Flow Through
TQFP
166/8.5
I
128K x 32
GS84032T-150I
Pipeline/Flow Through
TQFP
150/10
I
128K x 32
GS84032T-100I
Pipeline/Flow Through
TQFP
100/12
I
128K x 36
GS84036T-180I
Pipeline/Flow Through
TQFP
180/8
I
Not Available
128K x 36
GS84036T-166I
Pipeline/Flow Through
TQFP
166/8.5
I
128K x 36
GS84036T-150I
Pipeline/Flow Through
TQFP
150/10
I
128K x 36
GS84036T-100I
Pipeline/Flow Through
TQFP
100/12
I
256K x 18
GS84018B-180
Pipeline/Flow Through
BGA
180/8
C
256K x 18
GS84018B-166
Pipeline/Flow Through
BGA
166/8.5
C
256K x 18
GS84018B-150
Pipeline/Flow Through
BGA
150/10
C
256K x 18
GS84018B-100
Pipeline/Flow Through
BGA
100/12
C
128K x 32
GS84032B-180
Pipeline/Flow Through
BGA
180/8
C
Notes:
1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. Example: GS84032T-7.5T.
2. The speed column indicates the cycle frequency (Mhz) of the device in Pipelined mode and the latency (ns) in Flow Through mode.
Each device is Pipeline / Flow through mode selectable by the user.
3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range.
4.
GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which
are covered in this data sheet. See the GSI Technology web site for a complete listing of current offerings.


Similar Part No. - GS84018T

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-100 GSI-GS84018AB-100 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-100I GSI-GS84018AB-100I Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-150 GSI-GS84018AB-150 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-150I GSI-GS84018AB-150I Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

Similar Description - GS84018T

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com