Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS78108AGB-10I Datasheet(PDF) 10 Page - GSI Technology

Part # GS78108AGB-10I
Description  1M x 8 8Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS78108AGB-10I Datasheet(HTML) 10 Page - GSI Technology

Back Button GS78108AGB-10I Datasheet HTML 3Page - GSI Technology GS78108AGB-10I Datasheet HTML 4Page - GSI Technology GS78108AGB-10I Datasheet HTML 5Page - GSI Technology GS78108AGB-10I Datasheet HTML 6Page - GSI Technology GS78108AGB-10I Datasheet HTML 7Page - GSI Technology GS78108AGB-10I Datasheet HTML 8Page - GSI Technology GS78108AGB-10I Datasheet HTML 9Page - GSI Technology GS78108AGB-10I Datasheet HTML 10Page - GSI Technology GS78108AGB-10I Datasheet HTML 11Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering Information
Part Number1
Package
Access Time
Temp. Range
Status
GS78108AB-8
119-Bump BGA2
8 ns
Commercial
GS78108AB-10
119-Bump BGA2
10 ns
Commercial
GS78108AB-12
119-Bump BGA2
12 ns
Commercial
GS78108AB-8I
119-Bump BGA2
8 ns
Industrial
GS78108AB-10I
119-Bump BGA2
10 ns
Industrial
GS78108AB-12I
119-Bump BGA2
12 ns
Industrial
GS78108AB-15I
119-Bump BGA2
15 ns
Industrial
GS78108AGB-8
RoHS-compliant
119-Bump BGA2
8 ns
Commercial
GS78108AGB-10
RoHS-compliant
119-Bump BGA2
10 ns
Commercial
GS78108AGB-12
RoHS-compliant
119-Bump BGA2
12 ns
Commercial
GS78108AGB-8I
RoHS-compliant
119-Bump BGA2
8 ns
Industrial
GS78108AGB-10I
RoHS-compliant
119-Bump BGA2
10 ns
Industrial
GS78108AGB-12I
RoHS-compliant
119-Bump BGA2
12 ns
Industrial
GS78108AGB-15I
RoHS-compliant
119-Bump BGA2
15 ns
Industrial
GS78108AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 5/2006
10/11
© 2003, GSI Technology
Notes:
1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number.
For example: GS78108AB-12T
2. Please see pages 8 and 9 for date code information for Variation 1 and Variation 2 of the 119-bump BGA.


Similar Part No. - GS78108AGB-10I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
GS78108B-10 GSI-GS78108B-10 Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
GS78108B-10I GSI-GS78108B-10I Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
GS78108B-12 GSI-GS78108B-12 Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
GS78108B-12I GSI-GS78108B-12I Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
More results

Similar Description - GS78108AGB-10I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
logo
Sanyo Semicon Device
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com