Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS78132B-10I Datasheet(PDF) 3 Page - GSI Technology

Part # GS78132B-10I
Description  256K x 32 8Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS78132B-10I Datasheet(HTML) 3 Page - GSI Technology

  GS78132B-10I Datasheet HTML 1Page - GSI Technology GS78132B-10I Datasheet HTML 2Page - GSI Technology GS78132B-10I Datasheet HTML 3Page - GSI Technology GS78132B-10I Datasheet HTML 4Page - GSI Technology GS78132B-10I Datasheet HTML 5Page - GSI Technology GS78132B-10I Datasheet HTML 6Page - GSI Technology GS78132B-10I Datasheet HTML 7Page - GSI Technology GS78132B-10I Datasheet HTML 8Page - GSI Technology GS78132B-10I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
5HY=#4134#525333
6244
‹#4<<</#*LJD#6HPLFRQGXFWRU/#,QF1
6SHFLILFDWLRQV#FLWHG#DUH#VXEMHFW#WR#FKDQJH#ZLWKRXW#QRWLFH1#)RU#ODWHVW#GRFXPHQWDWLRQ#VHH#KWWS=22ZZZ1JVLWHFKQRORJ\1FRP1
%
Preliminary
*6:;465%
1RWH=#;=#³+´#RU#³/´
1RWH=#
3HUPDQHQW#GHYLFH#GDPDJH#PD\#RFFXU#LI#$EVROXWH#0D[LPXP#5DWLQJV#DUH#H[FHHGHG1#)XQFWLRQDO#RSHUDWLRQ#VKDOO#EH#UHVWULFWHG#WR#5HFRPPHQGHG#
2SHUDWLQJ#&RQGLWLRQV1#([SRVXUH#WR#KLJKHU#WKDQ#UHFRPPHQGHG#YROWDJHV#IRU#H[WHQGHG#SHULRGV#RI#WLPH#FRXOG#DIIHFW#GHYLFH#UHOLDELOLW\1
7UXWK#7DEOH
&( 2( :( %$ %% %& %'
'4$40;
'4%40;
'4&40;
'4'40;
6XSSO\
&XUUHQW
+;
;
;
;
;
;
1RW#6HOHFWHG
1RW#6HOHFWHG
1RW#6HOHFWHG
1RW#6HOHFWHG
,6%4/#,6%5
//
+
/
/
/
/
5HDG
5HDG
5HDG
5HDG
,''
+
/
/
/
+LJK#=
5HDG
5HDG
5HDG
/
+
/
/
5HDG
+LJK#=
5HDG
5HDG
/
/
+
/
5HDG
5HDG
+LJK#=
5HDG
/
/
/
+
5HDG
5HDG
5HDG
+LJK#=
/;
/
/
/
/
/
:ULWH
:ULWH
:ULWH
:ULWH
+
/
/
/
+LJK#=
:ULWH
:ULWH
:ULWH
/+
/
/
:ULWH
+LJK#=:ULWH
:ULWH
/
/
+
/
:ULWH
:ULWH
+LJK#=:ULWH
/
/
/
+
:ULWH
:ULWH
:ULWH
+LJK
/
+
+
;
;
;
;
+LJK#=+LJK#=
+LJK#=
+LJK#=
/
;
;
+
+
+
+
+LJK#=+LJK#=
+LJK#=
+LJK#=
$EVROXWH#0D[LPXP#5DWLQJV
3DUDPHWHU
6\PERO
5DWLQJ
8QLW
6XSSO\#9ROWDJH
9''
0318#WR#.719
9
,QSXW#9ROWDJH
9,1
0318#WR#9''.318
+≤ 7199#PD[1,
9
2XWSXW#9ROWDJH
9287
0318#WR#9''.318
+≤ 7199#PD[1,
9
$OORZDEOH#SRZHU#GLVVLSDWLRQ
3'
418
:
6WRUDJH#WHPSHUDWXUH
767*
088#WR#483
R&


Similar Part No. - GS78132B-10I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB-10 GSI-GS78132AB-10 Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB-10I GSI-GS78132AB-10I Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB-12 GSI-GS78132AB-12 Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB-12I GSI-GS78132AB-12I Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
More results

Similar Description - GS78132B-10I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
GS78108AB GSI-GS78108AB Datasheet
642Kb / 11P
   1M x 8 8Mb Asynchronous SRAM
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com