Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS74104J-10I Datasheet(PDF) 11 Page - GSI Technology

Part # GS74104J-10I
Description  1M x 4 4Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74104J-10I Datasheet(HTML) 11 Page - GSI Technology

Back Button GS74104J-10I Datasheet HTML 4Page - GSI Technology GS74104J-10I Datasheet HTML 5Page - GSI Technology GS74104J-10I Datasheet HTML 6Page - GSI Technology GS74104J-10I Datasheet HTML 7Page - GSI Technology GS74104J-10I Datasheet HTML 8Page - GSI Technology GS74104J-10I Datasheet HTML 9Page - GSI Technology GS74104J-10I Datasheet HTML 10Page - GSI Technology GS74104J-10I Datasheet HTML 11Page - GSI Technology GS74104J-10I Datasheet HTML 12Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Rev: 1.07 1/2001
11/12
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS74104TP/J
* Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. For example:
GS74104TP-8T
Ordering Information
Part Number*
Package
Access Time
Temp. Range
Status
GS74104TP-8
400 mil TSOP-II
8 ns
Commercial
GS74104TP-10
400 mil TSOP-II
10 ns
Commercial
GS74104TP-12
400 mil TSOP-II
12 ns
Commercial
GS74104TP-15
400 mil TSOP-II
15 ns
Commercial
GS74104TP-8I
400 mil TSOP-II
8 ns
Industrial
GS74104TP-10I
400 mil TSOP-II
10 ns
Industrial
GS74104TP-12I
400 mil TSOP-II
12 ns
Industrial
GS74104TP-15I
400 mil TSOP-II
15 ns
Industrial
GS74104J-8
400 mil SOJ
8 ns
Commercial
GS74104J-10
400 mil SOJ
10 ns
Commercial
GS74104J-12
400 mil SOJ
12 ns
Commercial
GS74104J-15
400 mil SOJ
15 ns
Commercial
GS74104J-8I
400 mil SOJ
8 ns
Industrial
GS74104J-10I
400 mil SOJ
10 ns
Industrial
GS74104J-12I
400 mil SOJ
12 ns
Industrial
GS74104J-15I
400 mil SOJ
15 ns
Industrial


Similar Part No. - GS74104J-10I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74104AGJ-10 GSI-GS74104AGJ-10 Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74104AGJ-10I GSI-GS74104AGJ-10I Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74104AGJ-12 GSI-GS74104AGJ-12 Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74104AGJ-12I GSI-GS74104AGJ-12I Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74104AGJ-8 GSI-GS74104AGJ-8 Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
More results

Similar Description - GS74104J-10I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com