Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS72116U-12 Datasheet(PDF) 7 Page - GSI Technology

Part # GS72116U-12
Description  128K x 16 2Mb Asynchronous SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS72116U-12 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS72116U-12 Datasheet HTML 3Page - GSI Technology GS72116U-12 Datasheet HTML 4Page - GSI Technology GS72116U-12 Datasheet HTML 5Page - GSI Technology GS72116U-12 Datasheet HTML 6Page - GSI Technology GS72116U-12 Datasheet HTML 7Page - GSI Technology GS72116U-12 Datasheet HTML 8Page - GSI Technology GS72116U-12 Datasheet HTML 9Page - GSI Technology GS72116U-12 Datasheet HTML 10Page - GSI Technology GS72116U-12 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
5HY=#4138#525333
:24:
‹#4<<</#*LJD#6HPLFRQGXFWRU/#,QF1
6SHFLILFDWLRQV#FLWHG#DUH#VXEMHFW#WR#FKDQJH#ZLWKRXW#QRWLFH1#)RU#ODWHVW#GRFXPHQWDWLRQ#VHH#KWWS=22ZZZ1JVLWHFKQRORJ\1FRP1
/
*6:5449732-2728
-#7KHVH#SDUDPHWHUV#DUH#VDPSOHG#DQG#DUH#QRW#433(#WHVWHG
5HDG#&\FOH#4=#&(# #2(# #9,//#:(# #9,+/#8%#DQG/#RU#/%# #9,/
5HDG#&\FOH
3DUDPHWHU
6\PERO
0;
043
045
048
8QLW
0LQ 0D[ 0LQ 0D[ 0LQ 0D[ 0LQ 0D[
5HDG#F\FOH#WLPH
W5&
;
000
43
000
45
000
48
000
QV
$GGUHVV#DFFHVV#WLPH
W$$
000
;
000
43
000
45
000
48
QV
&KLS#HQDEOH#DFFHVV#WLPH#+&(,
W$&
000
;
000
43
000
45
000
48
QV
%\WH#HQDEOH#DFFHVV#WLPH#+8%/#/%,
W$%
000
618
000
7
000
8
000
9
QV
2XWSXW#HQDEOH#WR#RXWSXW#YDOLG#+2(,
W2(
000
618
000
7
000
8
000
9
QV
2XWSXW#KROG#IURP#DGGUHVV#FKDQJH
W2+
6
000
6
000
6
000
6
000
QV
&KLS#HQDEOH#WR#RXWSXW#LQ#ORZ#=#+&(,
W/=-
6
000
6
000
6
000
6
000
QV
2XWSXW#HQDEOH#WR#RXWSXW#LQ#ORZ#=#+2(,
W2/=-
3
000
3
000
3
000
3
000
QV
%\WH#HQDEOH#WR#RXWSXW#LQ#ORZ#=#+8%/#/%,
W%/=-
3
000
3
000
3
000
3
000
QV
&KLS#GLVDEOH#WR#RXWSXW#LQ#+LJK#=#+&(,
W+=-
000
7
000
8
000
9
000
:
QV
2XWSXW#GLVDEOH#WR#RXWSXW#LQ#+LJK#=#+2(,
W2+=-
000
618
000
7
000
8
000
9
QV
%\WH#GLVDEOH#WR#RXWSXW#LQ#+LJK#=#+8%/#/%,
W%+=-
000
618
000
7
000
8
000
9
QV
W$$
W2+
W5&
$GGUHVV
'DWD#2XW
3UHYLRXV#'DWD
'DWD#YDOLG


Similar Part No. - GS72116U-12

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72116AJ GSI-GS72116AJ Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
GS72116AJ-10 GSI-GS72116AJ-10 Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
GS72116AJ-10I GSI-GS72116AJ-10I Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
GS72116AJ-12 GSI-GS72116AJ-12 Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
GS72116AJ-12I GSI-GS72116AJ-12I Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
More results

Similar Description - GS72116U-12

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
Samsung semiconductor
K6F2016R4G SAMSUNG-K6F2016R4G Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016U4G SAMSUNG-K6F2016U4G Datasheet
160Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com