Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS78132AB Datasheet(PDF) 1 Page - GSI Technology

Part No. GS78132AB
Description  256K x 32 8Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

GS78132AB Datasheet(HTML) 1 Page - GSI Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
GS78132AB
256K x 32
8Mb Asynchronous SRAM
8, 10, 12 ns
3.3 V VDD
BGA
Commercial Temp
Industrial Temp
Rev: 1.04 5/2006
1/12
© 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Fast access time: 8, 10, 12 ns
• CMOS low power operation: 260/210/180 mA at minimum
cycle time
• Single 3.3 V ± 0.3 V power supply
• All inputs and outputs are TTL-compatible
• Byte control
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• 14 mm x 22 mm, 119-bump, 1.27 mm Pitch Ball Grid Array
package
• RoHS-compliant package available
Description
The GS78132A is a high speed CMOS Static RAM organized
as 262,144-words by 32-bits. Static design eliminates the need
for external clocks or timing strobes. The GS78132A operates
on a single 3.3 V power supply, and all inputs and outputs are
TTL-compatible. The GS78132A is available in a
14 mm x 22 mm BGA package.
Symbol
Description
A0 to A17
Address input
CE
Chip enable input
DQA1 TO DQA8
Byte A Data input/output
DQB1 TO DQB8
Byte B Data input/output
DQC1 TO DQC8
Byte C Data input/output
DQD1 TO DQD8
Byte D Data input/output
BA
Byte A Byte enable input
BB
Byte B Byte enable input
BC
Byte C Byte enable input
BD
Byte D Byte enable input
WE
Write enable input
OE
Output enable input
VDD
+3.3 V power supply
VSS
Ground
NC
No connect
Pin Descriptions
Memory Array
Row
Decoder
Column
Decoder
Address
Input
Buffer
Control
I/O Buffer
A0
CE
WE
OE
DQ1
A17
DQ32
Bx ____
Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn