Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS74104AGP-10 Datasheet(PDF) 3 Page - GSI Technology

Part # GS74104AGP-10
Description  1M x 4 4Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74104AGP-10 Datasheet(HTML) 3 Page - GSI Technology

  GS74104AGP-10 Datasheet HTML 1Page - GSI Technology GS74104AGP-10 Datasheet HTML 2Page - GSI Technology GS74104AGP-10 Datasheet HTML 3Page - GSI Technology GS74104AGP-10 Datasheet HTML 4Page - GSI Technology GS74104AGP-10 Datasheet HTML 5Page - GSI Technology GS74104AGP-10 Datasheet HTML 6Page - GSI Technology GS74104AGP-10 Datasheet HTML 7Page - GSI Technology GS74104AGP-10 Datasheet HTML 8Page - GSI Technology GS74104AGP-10 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
–0.5 to +4.6
V
Input Voltage
VIN
–0.5 to VDD +0.5
(
≤ 4.6 V max.)
V
Output Voltage
VOUT
–0.5 to VDD +0.5
(
≤ 4.6 V max.)
V
Allowable power dissipation
PD
0.7
W
Storage temperature
TSTG
–55 to 150
oC
GS74104ATP/J
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 6/2006
3/11
© 2001, GSI Technology
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation shall be restricted to Recommended
Operating Conditions. Exposure to higher than recommended voltages for extended periods of time could affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage for -8/-10/-12
VDD
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
VDD +0.3
V
Input Low Voltage
VIL
–0.3
0.8
V
Ambient Temperature,
Commercial Range
TAc
0
70
oC
Ambient Temperature,
Industrial Range
TAI
–40
85
oC
Notes:
1. Input overshoot voltage should be less than VDD +2 V and not exceed 20 ns.
2. Input undershoot voltage should be greater than –2 V and not exceed 20 ns.
Capacitance
Parameter
Symbol
Test Condition
Max
Unit
Input Capacitance
C
V = 0 V
5
pF
Output Capacitance
C
V
= 0 V
7
pF
Notes:
1. Tested at TA = 25°C, f = 1 MHz
2. These parameters are sampled and are not 100% tested.
IN
IN
OUT
OUT


Similar Part No. - GS74104AGP-10

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74104J-10 GSI-GS74104J-10 Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104J-10I GSI-GS74104J-10I Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104J-12 GSI-GS74104J-12 Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104J-12I GSI-GS74104J-12I Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104J-15 GSI-GS74104J-15 Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
More results

Similar Description - GS74104AGP-10

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com