Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS78116AB Datasheet(PDF) 9 Page - GSI Technology

Part No. GS78116AB
Description  512K x 16 8Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

GS78116AB Datasheet(HTML) 9 Page - GSI Technology

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
GS78116AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 5/2006
9/11
© 2003, GSI Technology
Package Dimensions—119-Bump FPBGA (Package B, Variation 2
)
(Date Code: yyww.3H)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
1 2 3 4 5 6 7
7 6 5 4 3 2 1
A1
TOP VIEW
A1
BOTTOM VIEW
1.27
7.62
14±0.10
B
A
0.20(4x)
Ø0.10
Ø0.30
C
C A B
S
S
Ø0.60~0.90 (119x)
C
SEATING PLANE
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
S
S


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn