Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GS78116AB Datasheet(PDF) 5 Page - GSI Technology

Part No. GS78116AB
Description  512K x 16 8Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

GS78116AB Datasheet(HTML) 5 Page - GSI Technology

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DQ
VT = 1.4 V
50
30pF1
DQ
3.3 V
Output Load 1
Output Load 2
589
434
5pF1
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1
unless otherwise noted
3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ.
Parameter
Conditions
Input high level
VIH = 2.4 V
Input low level
VIL = 0.4 V
Input rise time
tr = 1 V/ns
Input fall time
tf = 1 V/ns
Input reference level
1.4 V
Output reference level
1.4 V
Output load
Fig. 1& 2
GS78116AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 5/2006
5/11
© 2003, GSI Technology
AC Test Conditions
AC Characteristics
Read Cycle
Parameter
Symbol
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Read cycle time
t
8
10
12
ns
Address access time
t
8
10
12
ns
Chip enable access time (CE)
t
8
10
12
ns
Output enable to output valid (OE)
t
3.5
4
5
ns
Output hold from address change
t
3
3
3
ns
Chip enable to output in low Z (CE)
t *
3
3
3
ns
Output enable to output in low Z (OE)
t *
0
0
0
ns
Chip disable to output in High Z (CE)
t *
4
5
6
ns
Output disable to output in High Z (OE)
t
*
3.5
4
5
ns
RC
AA
AC
OE
OH
LZ
OLZ
HZ
OHZ


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn