Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GS78108AB Datasheet(PDF) 4 Page - GSI Technology

Part No. GS78108AB
Description  1M x 8 8Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo 

GS78108AB Datasheet(HTML) 4 Page - GSI Technology

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Capacitance
Parameter
Symbol
Test Condition
Max
Unit
Input Capacitance
CIN
VIN = 0 V
10
pF
Output Capacitance
COUT
VOUT = 0 V
7
pF
GS78108AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 5/2006
4/11
© 2003, GSI Technology
Notes:
1. Tested at TA = 25°C, f = 1 MHz
2. These parameters are sampled and are not 100% tested
DC I/O Pin Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage Current
IIL
VIN = 0 to VDD
–2 uA
2 uA
Output Leakage Current
IOL
Output High Z,
VOUT = 0 to VDD
–1 uA
1 uA
Output High Voltage
VOH
IOH = –4 mA
2.4
Output Low Voltage
VOL
IOL = +4 mA
0.4 V
Power Supply Currents
Parameter
Symbol
Test Conditions
0 to 70°C
–40 to 85°C
8 ns
10 ns
12 ns
8 ns
10 ns
12 ns
Operating
Supply
Current
IDD
E
≤ VIL
All other inputs
≥ VIH or ≤ VIL
Min. cycle time
IOUT = 0 mA
160 mA
130 mA
115 mA
180 mA
150 mA
135 mA
Standby
Current
ISB1
E
≥ VIH
All other inputs
≥ VIH or ≤VIL
Min. cycle time
60 mA
50 mA
50 mA
80 mA
70 mA
70 mA
Standby
Current
ISB2
E
≥ VDD - 0.2V
All other inputs
≥ VDD - 0.2V or ≤ 0.2V
20 mA
40 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn