Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS78108AB Datasheet(PDF) 3 Page - GSI Technology

Part No. GS78108AB
Description  1M x 8 8Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GSI [GSI Technology]
Homepage  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS78108AB Datasheet(HTML) 3 Page - GSI Technology

  GS78108AB Datasheet HTML 1Page - GSI Technology GS78108AB Datasheet HTML 2Page - GSI Technology GS78108AB Datasheet HTML 3Page - GSI Technology GS78108AB Datasheet HTML 4Page - GSI Technology GS78108AB Datasheet HTML 5Page - GSI Technology GS78108AB Datasheet HTML 6Page - GSI Technology GS78108AB Datasheet HTML 7Page - GSI Technology GS78108AB Datasheet HTML 8Page - GSI Technology GS78108AB Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Truth Table
CE
OE
WE
DQ1 to DQ8
VDD Current
H
X
X
Not Selected
ISB1, ISB2
L
L
H
Read
L
X
L
Write
IDD
L
H
H
High Z
GS78108AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 5/2006
3/11
© 2003, GSI Technology
X: “H” or “L”
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
–0.5 to +4.6
V
Input Voltage
VIN
–0.5 to VDD +0.5
(
≤ 4.6 V max.)
V
Output Voltage
VOUT
–0.5 to VDD +0.5
(
≤ 4.6 V max.)
V
Allowable power dissipation
PD
1.5
W
Storage temperature
TSTG
–55 to 150
oC
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation shall be restricted to Recommended
Operating Conditions. Exposure to higher than recommended voltages for extended periods of time could affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage for -8/10/12
VDD
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
VDD +0.3
V
Input Low Voltage
VIL
–0.3
0.8
V
Ambient Temperature,
Commercial Range
TAc
0
70
oC
Ambient Temperature,
Industrial Range
TAi
–40
85
oC
Notes:
1. Input overshoot voltage should be less than VDD +2 V and not exceed 20 ns.
2. Input undershoot voltage should be greater than –2 V and not exceed 20 ns.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn