Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS73024AB-8I Datasheet(PDF) 6 Page - GSI Technology

Part # GS73024AB-8I
Description  Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS73024AB-8I Datasheet(HTML) 6 Page - GSI Technology

Back Button GS73024AB-8I Datasheet HTML 2Page - GSI Technology GS73024AB-8I Datasheet HTML 3Page - GSI Technology GS73024AB-8I Datasheet HTML 4Page - GSI Technology GS73024AB-8I Datasheet HTML 5Page - GSI Technology GS73024AB-8I Datasheet HTML 6Page - GSI Technology GS73024AB-8I Datasheet HTML 7Page - GSI Technology GS73024AB-8I Datasheet HTML 8Page - GSI Technology GS73024AB-8I Datasheet HTML 9Page - GSI Technology GS73024AB-8I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Read Cycle
Parameter
Symbol
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
8
10
12
ns
Address access time
tAA
8
10
12
ns
Chip enable access time (CE)
tAC
8
10
12
ns
MUX control to output valid (V/S)
tAV
8
10
12
ns
Output enable to output valid (OE)
tOE
4
5
6
ns
Output hold from address change
tOH
3
3
3
ns
Output hold from MUX controls change
tOH1
3
3
3
ns
Chip enable to output in low Z (CE)
tLZ*
3
3
3
ns
Output enable to output in low Z (OE)
tOLZ*
0
0
0
ns
Chip disable to output in High Z (CE)
tHZ*
4
5
6
ns
Output disable to output in High Z (OE)
tOHZ*
4
5
6
ns
GS73024AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 12/2005
6/12
© 2003, GSI Technology
AC Characteristics
* These parameters are sampled and are not 100% tested
tAA
tOH
tRC
Address
Data Out
Previous Data
Data valid
Read Cycle 1: CE = OE = VIL, WE = VIH


Similar Part No. - GS73024AB-8I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS73024B ETC-GS73024B Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
GS73024B-10I ETC-GS73024B-10I Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
GS73024B-12 ETC-GS73024B-12 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
GS73024B-12I ETC-GS73024B-12I Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
More results

Similar Description - GS73024AB-8I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
logo
White Electronic Design...
WED8L24258V WEDC-WED8L24258V Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24514V WEDC-WED8L24514V Datasheet
612Kb / 5P
   Asynchronous SRAM, 3.3V, 512Kx24
WED8L24513V WEDC-WED8L24513V Datasheet
364Kb / 6P
   Asynchronous SRAM, 3.3V, 512Kx24
EDI8L24128C WEDC-EDI8L24128C Datasheet
300Kb / 5P
   128Kx24 Asynchronous SRAM, 5V
WED8L24257V WEDC-WED8L24257V Datasheet
451Kb / 6P
   Asynchronous SRAM, 3.3V, 256Kx24
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com