Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS72116TP Datasheet(PDF) 11 Page - GSI Technology

Part # GS72116TP
Description  128K x 16 2Mb Asynchronous SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS72116TP Datasheet(HTML) 11 Page - GSI Technology

Back Button GS72116TP Datasheet HTML 7Page - GSI Technology GS72116TP Datasheet HTML 8Page - GSI Technology GS72116TP Datasheet HTML 9Page - GSI Technology GS72116TP Datasheet HTML 10Page - GSI Technology GS72116TP Datasheet HTML 11Page - GSI Technology GS72116TP Datasheet HTML 12Page - GSI Technology GS72116TP Datasheet HTML 13Page - GSI Technology GS72116TP Datasheet HTML 14Page - GSI Technology GS72116TP Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
5HY=#4138#525333
4424:
‹#4<<</#*LJD#6HPLFRQGXFWRU/#,QF1
6SHFLILFDWLRQV#FLWHG#DUH#VXEMHFW#WR#FKDQJH#ZLWKRXW#QRWLFH1#)RU#ODWHVW#GRFXPHQWDWLRQ#VHH#KWWS=22ZZZ1JVLWHFKQRORJ\1FRP1
/
*6:5449732-2728
77#3LQ/#733#PLO#62-
455
56
77
H
%4
'
\
4
F
/
'HWDLO#$
$
%
1RWH=
41 'LPHQVLRQ#')#(#GR#QRW#LQFOXGH#LQWHUOHDG#IODVK
51 'LPHQVLRQ#%4#GRHV#QRW#LQFOXGH#GDPEDU#SURWUXVLRQ#2#LQWUXVLRQ
6\PERO
'LPHQVLRQ#LQ#LQFK
'LPHQVLRQ#LQ#PP
PLQ QRP PD[ PLQ
QRP PD[
$
0
0
3147;
0
0
61:8<
$4
31358
0
0
31968
0
0
$5
31438 31443 31448 5199:
51:<7
51<54
%
0
3134;
0
0
3178:
0
%4
31359 3135; 31365 31993
31:44
31;46
F
0
3133;
0
0
31536
0
'
41453 41458 41463 5;177
5;18;
5;1:3
(
316<8 31733 31738 431366 431493 4315;:
H
0
3138
0
0
415:
0
+(
31768 31773 31778 44137< 4414:9 441636
*(
31693 316:3 316;3 <1477
<16<;
<1985
/
313;5 313;: 31439 513;6
51543
51:3
\
0
0
31337
0
0
31435
4
3R
0
:R
3R
0
:R


Similar Part No. - GS72116TP

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72116AJ GSI-GS72116AJ Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
GS72116AJ-10 GSI-GS72116AJ-10 Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
GS72116AJ-10I GSI-GS72116AJ-10I Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
GS72116AJ-12 GSI-GS72116AJ-12 Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
GS72116AJ-12I GSI-GS72116AJ-12I Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
More results

Similar Description - GS72116TP

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
Samsung semiconductor
K6F2016R4G SAMSUNG-K6F2016R4G Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016U4G SAMSUNG-K6F2016U4G Datasheet
160Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com