Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8324Z36C-225 Datasheet(PDF) 5 Page - GSI Technology

Part # GS8324Z36C-225
Description  2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8324Z36C-225 Datasheet(HTML) 5 Page - GSI Technology

  GS8324Z36C-225 Datasheet HTML 1Page - GSI Technology GS8324Z36C-225 Datasheet HTML 2Page - GSI Technology GS8324Z36C-225 Datasheet HTML 3Page - GSI Technology GS8324Z36C-225 Datasheet HTML 4Page - GSI Technology GS8324Z36C-225 Datasheet HTML 5Page - GSI Technology GS8324Z36C-225 Datasheet HTML 6Page - GSI Technology GS8324Z36C-225 Datasheet HTML 7Page - GSI Technology GS8324Z36C-225 Datasheet HTML 8Page - GSI Technology GS8324Z36C-225 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Rev: 1.00 10/2001
5/46
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C)
GS8324Z18/36/72 209-Bump BGA Pin Description
Pin Location
Symbol
Type
Description
W6, V6
A0, A1
I
Address field LSBs and Address Counter Preset Inputs.
W7, W5, V9, V8, V7, V5, V4, V3, U8, U6, U4,
A3, A5, A7, B7, A9, U7
An
I
Address Inputs
B5
A19
I
Address Inputs (x36/x18 Versions)
C7
A20
I
Address Inputs (x18 Version)
L11, M11, N11, P11, L10, M10, N10, P10, R10
A10, B10, C10, D10, A11, B11, C11, D11, E11
J1, H1, G1, F1, J2, H2, G2, F2, E2
W2, V2, U2, T2, W1, V1, U1, T1, R1
W10, V10, U10, T10, W11, V11, U11, T11, R11
J11, H11, G11, F11, J10, H10, G10, F10, E10
A2, B2, C2, D2, A1, B1, C1, D1, E1
L1, M1, N1, P1, L2, M2, N2, P2, R2
DQA1–DQA9
DQB1–DQB9
DQC1–DQC9
DQD1–DQD9
DQE1–DQE9
DQF1–DQF9
DQG1–DQG9
DQH1–DQH9
I/O
Data Input and Output pins (x72 Version)
L11, M11, N11, P11, L10, M10, N10, P10, R10
A10, B10, C10, D10, A11, B11, C11, D11, E11
J1, H1, G1, F1, J2, H2, G2, F2, E2
W2, V2, U2, T2, W1, V1, U1, T1, R1
DQA1–DQA9
DQB1–DQB9
DQC1–DQC9
DQD1–DQD9
I/O
Data Input and Output pins (x36 Version)
L11, M11, N11, P11, L10, M10, N10, P10, R10
J1, H1, G1, F1, J2, H2, G2, F2, E2
DQA1–DQA9
DQB1–DQB9
I/O
Data Input and Output pins (x18 Version)
C9, B8
BA, BB
I
Byte Write Enable for DQA, DQB I/Os; active low
B3, C4
BC,BD
I
Byte Write Enable for DQC, DQD I/Os; active low
(x72/x36 Versions)
C8, B9, B4, C3
BE, BF, BG,BH
I
Byte Write Enable for DQE, DQF, DQG, DQH I/Os; active low
(x72 Version)
B5
NC
No Connect (x72 Version)
C7
NC
No Connect (x72/x36 Versions)
W10, V10, U10, T10, W11, V11, U11, T11, R11
J11, H11, G11, F11, J10, H10, G10, F10, E10
A2, B2, C2, D2, A1, B1, C1, D1, E1
L1, M1, N1, P1, L2, M2, N2, P2, R2, C8, B9,
B4, C3
NC
No Connect (x36/x18 Versions)
B3, C4
NC
No Connect (x18 Version)
C5, D4, D5, D7, D8, K1, K2, K4, K8, K9, K10,
K11, T4, T5, T7, T8, U3, U5, U9
NC
No Connect
K3
CK
I
Clock Input Signal; active high
C6
E1
I
Chip Enable; active low
A8
E3
I
Chip Enable; active low (x72/x36 Versions)
A4
E2
I
Chip Enable; active high (x72/x36 Versions)
D6
G
I
Output Enable; active low
A6
ADV
I
Burst address counter advance enable


Similar Part No. - GS8324Z36C-225

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS832418B GSI-GS832418B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS832418B-133 GSI-GS832418B-133 Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS832418B-133I GSI-GS832418B-133I Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS832418B-150 GSI-GS832418B-150 Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS832418B-150I GSI-GS832418B-150I Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS8324Z36C-225

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS832418B GSI-GS832418B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS832118E GSI-GS832118E Datasheet
1,004Kb / 32P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018 GSI-GS832018 Datasheet
669Kb / 25P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8321E18E GSI-GS8321E18E Datasheet
994Kb / 34P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8321EV18E GSI-GS8321EV18E Datasheet
978Kb / 33P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018T-V GSI-GS832018T-V Datasheet
1Mb / 24P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8320EV18T GSI-GS8320EV18T Datasheet
630Kb / 24P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8321E18E-V GSI-GS8321E18E-V Datasheet
1Mb / 31P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com