Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT5074 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ABT5074
Description  Synchronizing dual D-type flip-flop with metastable immune characteristics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT5074 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ABT5074 Datasheet HTML 1Page - NXP Semiconductors 74ABT5074 Datasheet HTML 2Page - NXP Semiconductors 74ABT5074 Datasheet HTML 3Page - NXP Semiconductors 74ABT5074 Datasheet HTML 4Page - NXP Semiconductors 74ABT5074 Datasheet HTML 5Page - NXP Semiconductors 74ABT5074 Datasheet HTML 6Page - NXP Semiconductors 74ABT5074 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product data
74ABT5074
Synchronizing dual D-type flip-flop
with metastable immune characteristics
2002 Dec 17
5
TYPICAL VALUES FOR
τ AND T0 AT VARIOUS VCCS AND TEMPERATURES
VCC
Tamb = –40 °C
Tamb = 25 °C
Tamb = 85 °C
VCC
τ
T0
τ
T0
τ
T0
5.5 V
84 ps
1.0
× 106 sec
93 ps
3.8
× 106 sec
89 ps
1.5
× 109 sec
5.0 V
84 ps
2.7
× 108 sec
94 ps
1.3
× 107 sec
106 ps
2.2
× 106 sec
4.5 V
89 ps
1.0
× 109 sec
103 ps
2.1
× 107 sec
115 ps
4.4
× 106 sec
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0 V
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0 V
–50
mA
VOUT
DC output voltage3
Output in Off or HIGH state
–0.5 to +5.5
V
IOUT
DC output current
Output in LOW state
40
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
4.5
5.5
V
VI
Input voltage
0
VCC
V
VIH
HIGH-level input voltage
2.0
V
VIL
LOW-level Input voltage
0.8
V
IOH
HIGH-level output current
–15
mA
IOL
LOW-level output current
20
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C


Similar Part No. - 74ABT5074

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT5074 PHILIPS-74ABT5074 Datasheet
131Kb / 13P
   Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
74ABT5074D PHILIPS-74ABT5074D Datasheet
131Kb / 13P
   Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
74ABT5074DB PHILIPS-74ABT5074DB Datasheet
131Kb / 13P
   Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
74ABT5074PW PHILIPS-74ABT5074PW Datasheet
131Kb / 13P
   Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
More results

Similar Description - 74ABT5074

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT5074 PHILIPS-74ABT5074 Datasheet
131Kb / 13P
   Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
74F50729 PHILIPS-74F50729 Datasheet
94Kb / 12P
   Synchronizing dual D-type flip-flop with edge-triggered set and reset with metastable immune characteristics
1990 Sep 14
74F50109 PHILIPS-74F50109 Datasheet
97Kb / 12P
   Synchronizing dual J-K positive edge-triggered flip-flop with metastable immune characteristics
1990 Sep 14
74F5074 PHILIPS-74F5074 Datasheet
92Kb / 12P
   Synchronizing dual D-type flip-flop/clock driver
1990 Sep 14
74F50728 PHILIPS-74F50728 Datasheet
89Kb / 12P
   Synchronizing cascaded dual positive edge-triggered D-type flip-flop
1990 Sep 14
logo
Texas Instruments
74ACT11478 TI1-74ACT11478 Datasheet
98Kb / 5P
[Old version datasheet]   METASTABLE-RESISTAND OCTAL D-TYPE DUAL-RANK FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com