Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8342R08E Datasheet(PDF) 19 Page - GSI Technology

Part # GS8342R08E
Description  36Mb SigmaCIO DDR-II Burst of 4 SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342R08E Datasheet(HTML) 19 Page - GSI Technology

Back Button GS8342R08E Datasheet HTML 15Page - GSI Technology GS8342R08E Datasheet HTML 16Page - GSI Technology GS8342R08E Datasheet HTML 17Page - GSI Technology GS8342R08E Datasheet HTML 18Page - GSI Technology GS8342R08E Datasheet HTML 19Page - GSI Technology GS8342R08E Datasheet HTML 20Page - GSI Technology GS8342R08E Datasheet HTML 21Page - GSI Technology GS8342R08E Datasheet HTML 22Page - GSI Technology GS8342R08E Datasheet HTML 23Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Preliminary
GS8342R08/09/18/36E-333/300/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 8/2005
19/37
© 2003, GSI Technology
AC Electrical Characteristics
Parameter
Symbol
-333
-300
-250
-200
-167
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Clock
K, K Clock Cycle Time
C, C Clock Cycle Time
tKHKH
tCHCH
3.0
3.5
3.3
4.2
4.0
6.3
5.0
7.88
6.0
8.4
ns
tTKC Variable
tKCVar
0.2
0.2
0.2
0.2
0.2
ns
5
K, K Clock High Pulse Width
C, C Clock High Pulse Width
tKHKL
tCHCL
1.2
1.32
1.6
2.0
2.4
ns
K, K Clock Low Pulse Width
C, C Clock Low Pulse Width
tKLKH
tCLCH
1.2
1.32
1.6
2.0
2.4
ns
K to K High
C to C High
tKHKH
1.35
1.49
1.8
2.2
2.7
ns
K, K Clock High to C, C Clock High
tKHCH
0
1.3
0
1.45
0
1.8
0
2.3
0
2.8
ns
DLL Lock Time
tKCLock
1024
1024
1024
1024
1024
cycle
6
K Static to DLL reset
tKCReset
30
30
30
30
30
ns
Output Times
K, K Clock High to Data Output Valid
C, C Clock High to Data Output Valid
tKHQV
tCHQV
0.45
0.45
0.45
0.45
0.5
ns
3
K, K Clock High to Data Output Hold
C, C Clock High to Data Output Hold
tKHQX
tCHQX
–0.45
–0.45
–0.45
–0.45
–0.5
ns
3
K, K Clock High to Echo Clock Valid
C, C Clock High to Echo Clock Valid
tKHCQV
tCHCQV
0.45
0.45
0.45
0.45
0.5
ns
K, K Clock High to Echo Clock Hold
C, C Clock High to Echo Clock Hold
tKHCQX
tCHCQX
–0.45
–0.45
–0.45
–0.45
–0.5
ns
CQ, CQ High Output Valid
tCQHQV
0.25
0.27
0.30
0.35
0.40
ns
7
CQ, CQ High Output Hold
tCQHQX
–0.25
–0.27
–0.30
–0.35
–0.40
ns
7
K Clock High to Data Output High-Z
C Clock High to Data Output High-Z
tKHQZ
tCHQZ
0.45
0.45
0.45
0.45
0.5
ns
3
K Clock High to Data Output Low-Z
C Clock High to Data Output Low-Z
tKHQX1
tCHQX1
–0.45
–0.45
–0.45
–0.45
–0.5
ns
3
Setup Times
Address Input Setup Time
tAVKH
0.4
0.4
0.5
0.6
0.7
ns
Control Input Setup Time
tIVKH
0.4
0.4
0.5
0.6
0.7
ns
2
Data Input Setup Time
tDVKH
0.28
0.3
0.35
0.4
0.5
ns


Similar Part No. - GS8342R08E

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342D06 GSI-GS8342D06 Datasheet
412Kb / 30P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342D06BD-350I GSI-GS8342D06BD-350I Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D06BD-450 GSI-GS8342D06BD-450 Datasheet
523Kb / 30P
   JEDEC-standard pinout and package
GS8342D06BD-500I GSI-GS8342D06BD-500I Datasheet
523Kb / 30P
   JEDEC-standard pinout and package
GS8342D06BD-550I GSI-GS8342D06BD-550I Datasheet
523Kb / 30P
   2.5 Clock Latency
More results

Similar Description - GS8342R08E

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342T08E GSI-GS8342T08E Datasheet
1Mb / 37P
   36Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8662R08E GSI-GS8662R08E Datasheet
1Mb / 37P
   72Mb SigmaCIO DDR-II Burst of 4 SRAM
GS8662T08E GSI-GS8662T08E Datasheet
1Mb / 37P
   72Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8342S08E GSI-GS8342S08E Datasheet
1Mb / 39P
   36Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8342D08E GSI-GS8342D08E Datasheet
1Mb / 37P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342D06 GSI-GS8342D06 Datasheet
412Kb / 30P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q08E GSI-GS8342Q08E Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342DT20BD-500 GSI-GS8342DT20BD-500 Datasheet
524Kb / 30P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342D38BGD-350 GSI-GS8342D38BGD-350 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D11BGD-350 GSI-GS8342D11BGD-350 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com