Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8180DV18GD-167 Datasheet(PDF) 4 Page - GSI Technology

Part # GS8180DV18GD-167
Description  18Mb Burst of 4 SigmaQuad SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8180DV18GD-167 Datasheet(HTML) 4 Page - GSI Technology

  GS8180DV18GD-167 Datasheet HTML 1Page - GSI Technology GS8180DV18GD-167 Datasheet HTML 2Page - GSI Technology GS8180DV18GD-167 Datasheet HTML 3Page - GSI Technology GS8180DV18GD-167 Datasheet HTML 4Page - GSI Technology GS8180DV18GD-167 Datasheet HTML 5Page - GSI Technology GS8180DV18GD-167 Datasheet HTML 6Page - GSI Technology GS8180DV18GD-167 Datasheet HTML 7Page - GSI Technology GS8180DV18GD-167 Datasheet HTML 8Page - GSI Technology GS8180DV18GD-167 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
GS8180DV18D-250/200/167/133/100
Rev: 2.04 4/2005
4/28
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
interface is contrived to interact with the rest of the system. Each mode of operation has its own advantages and disadvantages. The
user should consider the nature of the work to be done by the RAM to evaluate which version is best suited to the application at
hand.
Alternating Read-Write Operations
SigmaQuad SRAMs follow a few simple rules of operation.
- Read or Write commands issued on one port are never allowed to interrupt an operation in progress on the other port.
- Read or Write data transfers in progress may not be interrupted and re-started.
- R and W high always deselects the RAM.
- All address, data, and control inputs are sampled on clock edges.
In order to enforce these rules, each RAM combines present state information with command inputs. See the Truth Table for
details.
Burst of 4 SigmaQuad SRAM DDR Read
The status of the Address Input, W, and R pins are sampled at each rising edge of K. W and R high causes chip disable. A low on
the Read Enable-bar pin, R, begins a read cycle. R is always ignored if the previous command loaded was a read command. The
four resulting data output transfers begin after the next rising edge of the K clock. Data is clocked out by the next rising edge of the
C, the rising edge of C after that, the next rising edge of C, and finally by the next rising edge of C.
Burst of 4 Double Data Rate SigmaQuad SRAM Read First
Read A
NOP
Read B
Write C
Read D
Write E
NOP
A
B
C
D
E
C
C+1
C+2
C+3
E
E+1
A
A+1
A+2
A+3
B
B+1
B+2
B+3
D
D+1
D+2
K
K
Address
R
W
BWx
D
C
C
Q


Similar Part No. - GS8180DV18GD-167

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8180D18D GSI-GS8180D18D Datasheet
848Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180D18D-100 GSI-GS8180D18D-100 Datasheet
848Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180D18D-100I GSI-GS8180D18D-100I Datasheet
848Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180D18D-133 GSI-GS8180D18D-133 Datasheet
848Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180D18D-133I GSI-GS8180D18D-133I Datasheet
848Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
More results

Similar Description - GS8180DV18GD-167

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8180D18D GSI-GS8180D18D Datasheet
848Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-435 GSI-GS8182D37BD-435 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D09BGD-333 GSI-GS8182D09BGD-333 Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375 GSI-GS8182D37BGD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D18D GSI-GS8182D18D Datasheet
772Kb / 27P
   18Mb Burst of 4 SigmaQuad-II SRAM
GS8182D37BD-400 GSI-GS8182D37BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D08BD-167I GSI-GS8182D08BD-167I Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com